Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
A
3
50kW
50kW
50kW
50kW
V+
V-
V
OUT
V+
V-
REF
Q
2
V+
V-
Overvoltage
Protection
A
2
R
B
C
2
V
B
V-
R
2
24.7kW
A
1
R
B
C
1
R
1
24.7kW
R
(External)
G
V+
V-
V+
V-
V+
V-
Q
1
Overvoltage
Protection
-IN
V /2
D
V /2
D
V
CM
+IN
A Out=V
+V
+0.125V
V /2
G
A Out=V
+V
+0.125V+V /2
OutputSwingRangeA ,A ,(V+)
0.1Vto(V )+0.1V
´
1
CM
BE
D
2
CM
BE
D
1
2
-
-
-
G
´
V =G
(V
V
)+V
LinearInputRangeA =(V+)
0.9Vto(V )+0.1V
O
IN+
IN
REF
3
-
´
-
-
-
INA826
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
INSIDE THE INA826
See Figure 58 for a simplified representation of the INA826. A more detailed diagram (shown in Figure 60)
provides additional insight into the INA826 operation.
Each input is protected by two field-effect transistors (FETs) that provide a low series resistance under normal
signal conditions, and preserve excellent noise performance. When excessive voltage is applied, these
transistors limit input current to approximately 8 mA.
The differential input voltage is buffered by Q1 and Q2 and is impressed across RG, causing a signal current to
flow through RG, R1, and R2. The output difference amp, A3, removes the common-mode component of the input
signal and refers the output signal to the REF terminal.
The equations shown in Figure 60 describe the output voltages of A1 and A2. The VBE and voltage drop across
R1 and R2 produce output voltages on A1 and A2 that are approximately 0.8 V higher than the input voltages.
Figure 60. INA826 Simplified Circuit Diagram
INPUT PROTECTION
The inputs of the INA826 are individually protected for voltages up to
±40 V. For example, a condition of –40 V
on one input and +40 V on the other input does not cause damage. However, if the input voltage exceeds (V
–) –
2 V and the signal source current drive capability exceeds 3.5 mA, the output voltage switches to the opposite
polarity; see typical characteristic curve Input Overvoltage vs Input Current (Figure 17). This polarity reversal can
easily be avoided by adding resistance of 10 k
Ω in series with both inputs.
Internal circuitry on each input provides low series impedance under normal signal conditions. If the input is
overloaded, the protection circuitry limits the input current to a safe value of approximately 8 mA. The typical
characteristic curves Input Current vs Input Overvoltage (Figure 17 and Figure 18) illustrate this input current limit
behavior. The inputs are protected even if the power supplies are disconnected or turned off.
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com