Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
G=1+
49.4k
W
R
G
INA826
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
SETTING THE GAIN
Gain of the INA826 is set by a single external resistor, RG, connected between pins 2 and 3. The value of RG is
selected according to Equation 1:
(1)
Table 1 lists several commonly-used gains and resistor values. The 49.4-k
Ω term in Equation 1 comes from the
sum of the two internal 24.7-k
Ω feedback resistors. These on-chip resistors are laser-trimmed to accurate
absolute values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy
and drift specifications of the INA826.
Table 1. Commonly-Used Gains and Resistor Values
DESIRED GAIN (V/V)
RG (Ω)
NEAREST 1% RG (Ω)
1
—
—
2
49.4k
49.9k
5
12.35k
12.4k
10
5.489k
5.49k
20
2.600k
2.61k
50
1.008k
1k
100
499
499
200
248
249
500
99
100
1000
49.5
49.9
Gain Drift
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. The contribution of
RG to gain accuracy and drift can be directly inferred from the gain of Equation 1.
The best gain drift of 1 ppm/
℃ can be achieved when the INA826 uses G = 1 without RG connected. In this case,
the gain drift is limited only by the slight mismatch of the temperature coefficient of the integrated 50-k
Ω resistors
in the differential amplifier (A3). At G greater than 1, the gain drift increases as a result of the individual drift of the
24.7-k
Ω resistors in the feedback of A1 and A2, relative to the drift of the external gain resistor RG. Process
improvements of the temperature coefficient of the feedback resistors now make it possible to specify a
maximum gain drift of the feedback resistors of 35 ppm/
℃, thus significantly improving the overall temperature
stability of applications using gains greater than 1.
Low resistor values required for high gain can make wiring resistance important. Sockets add to the wiring
resistance and contribute additional gain error (such as a possible unstable gain error) at gains of approximately
100 or greater. To ensure stability, avoid parasitic capacitance of more than a few picofarads at RG connections.
Careful matching of any parasitics on both RG pins maintains optimal CMRR over frequency; see Typical
Characteristics curves (Figure 19 and Figure 20).
18
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com