Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments INA826 Datasheet HTML 10Page - Texas Instruments INA826 Datasheet HTML 11Page - Texas Instruments INA826 Datasheet HTML 12Page - Texas Instruments INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
0
10
20
30
40
50
60
70
80
90
100
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Representative Data
G033
−10
−8
−6
−4
−2
0
2
4
6
8
10
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Max Data
Min Data
Unit 1
Unit 2
Unit 3
G053
−60
−50
−40
−30
−20
−10
0
10
20
30
40
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Representative Data
Normalized at +25°C
G031
−2000
−1500
−1000
−500
0
500
1000
1500
2000
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Representative Data
Normalized at +25°C
G054
−10
−8
−6
−4
−2
0
2
4
6
8
10
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Representative Data
Normalized at +25°C
G032
0
50
100
150
200
250
300
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
VS = 2.7 V
VS = ±15 V
G043
INA826
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
INPUT OFFSET CURRENT vs TEMPERATURE
Figure 31.
Figure 32.
GAIN ERROR vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
(G = 1)
(G
> 1)
Figure 33.
Figure 34.
CMRR vs TEMPERATURE (G = 1)
SUPPLY CURRENT vs TEMPERATURE
Figure 35.
Figure 36.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com