Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 3 Page - Texas Instruments

  INA826 Datasheet HTML 1Page - Texas Instruments INA826 Datasheet HTML 2Page - Texas Instruments INA826 Datasheet HTML 3Page - Texas Instruments INA826 Datasheet HTML 4Page - Texas Instruments INA826 Datasheet HTML 5Page - Texas Instruments INA826 Datasheet HTML 6Page - Texas Instruments INA826 Datasheet HTML 7Page - Texas Instruments INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
(e ) +
NI
2
e
NO
G
2
Total RTI voltage noise =
.
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INA826
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
RTI
40
150
µV
VOSI
Input stage offset voltage(1)
vs temperature, TA = –40°C to +125°C
0.4
2
µV/°C
RTI
200
700
µV
Output stage offset
VOSO
voltage(1)
vs temperature, TA = –40°C to +125°C
2
10
µV/°C
G = 1, RTI
100
124
dB
G = 10, RTI
115
130
dB
PSRR
Power supply rejection
G = 100, RTI
120
140
dB
G = 1000, RTI
120
140
dB
ZIN
Differential impedance
20 || 1
G
Ω || pF
ZIN
Common-mode impedance
10 || 5
G
Ω || pF
RFI filter,
–3-dB frequency
20
MHz
V
–
(V+)
– 1
V
VCM
Operating input range(2)
VS = ±1.35 V to ±18 V, TA = –40°C to +125°C
See Figure 41 to Figure 44
V
Input overvoltage range
TA = –40°C to +125°C
±40
V
G = 1, VCM = (V–) to (V+) – 1 V
84
95
dB
G = 10, VCM = (V–) to (V+) – 1 V
104
115
dB
DC to
G = 100, VCM = (V–) to (V+) – 1 V
120
130
dB
60 Hz, RTI
G = 1000, VCM = (V–) to (V+) – 1 V
120
130
dB
G = 1, VCM = (V–) to (V+) – 1 V,
CMRR
Common-mode rejection
80
dB
TA = –40°C to +125°C
G = 1, VCM = (V–) to (V+) – 1 V
84
dB
G = 10, VCM = (V–) to (V+) – 1 V
100
dB
At 5 kHz,
RTI
G = 100, VCM = (V–) to (V+) – 1 V
105
dB
G = 1000, VCM = (V–) to (V+) – 1 V
105
dB
BIAS CURRENT
VCM = VS/2
35
65
nA
IB
Input bias current
TA = –40°C to +125°C
95
nA
VCM = VS/2
0.7
5
nA
IOS
Input offset current
TA = –40°C to +125°C
10
nA
NOISE VOLTAGE
f = 1 kHz, G = 100, RS = 0 Ω
18
20
nV/
√Hz
eNI
Input stage voltage noise(3)
fB = 0.1 Hz to 10 Hz, G = 100, RS = 0 Ω
0.52
µVPP
f = 1 kHz, G = 1, RS = 0 Ω
110
115
nV/
√Hz
eNO
Output stage voltage noise(3)
fB = 0.1 Hz to 10 Hz, G = 1, RS = 0 Ω
3.3
µVPP
f = 1 kHz
100
fA/
√Hz
iN
Noise current
fB = 0.1 Hz to 10 Hz
5
pAPP
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO/G).
(2)
Input voltage range of the INA826 input stage. The input range depends on the common-mode voltage, differential voltage, gain, and
reference voltage. See Typical Characteristic curves Figure 9 through Figure 16 and Figure 41 through Figure 44 for more information.
(3)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com