Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 1 Page - Texas Instruments

  INA826 Datasheet HTML 1Page - Texas Instruments INA826 Datasheet HTML 2Page - Texas Instruments INA826 Datasheet HTML 3Page - Texas Instruments INA826 Datasheet HTML 4Page - Texas Instruments INA826 Datasheet HTML 5Page - Texas Instruments INA826 Datasheet HTML 6Page - Texas Instruments INA826 Datasheet HTML 7Page - Texas Instruments INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
R
G
R
G
+IN
+V
S
V
OUT
REF
1
2
3
4
8
7
6
5
-
IN
-
V
S
MSOP-8,SO-8
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
Precision, 200-
µA Supply Current, 2.7-V to 36-V Supply
Instrumentation Amplifier with Rail-to-Rail Output
Check for Samples: INA826
1
FEATURES
DESCRIPTION
The INA826 is a low-cost instrumentation amplifier
234
•
Input Common-Mode Range: Includes V
–
that offers extremely low power consumption and
•
Common-Mode Rejection:
operates over a very wide single or dual supply
– 104 dB, min (G = 10)
range. A single external resistor sets any gain from 1
to 1000. It offers excellent stability over temperature,
– 100 dB, min at 5 kHz (G = 10)
even at G
> 1, as a result of the low gain drift of only
•
Power-Supply Rejection: 100 dB, min (G = 1)
35 ppm/
°C (max).
•
Low Offset Voltage: 150
µV, max
The
INA826
is
optimized
to
provide
excellent
•
Gain Drift: 1 ppm/
°C (G = 1), 35 ppm/°C (G > 1)
common-mode rejection ratio of over 100 dB (G = 10)
•
Noise: 18 nV/
√Hz, G ≥ 100
over frequencies up to 5 kHz. In G = 1, the
common-mode rejection ratio exceeds 84 dB across
•
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
the full input common-mode range from the negative
•
Inputs Protected up to
±40 V
supply all the way up to 1 V of the positive supply.
•
Rail-to-Rail Output
Using a rail-to-rail output, the INA826 is well-suited
for low voltage operation from a 2.7 V single supply
•
Supply Current: 200
µA
as well as dual supplies up to
±18 V.
•
Supply Range:
Additional
circuitry
protects
the
inputs
against
– Single Supply: +2.7 V to +36 V
overvoltage of up to
±40 V beyond the power
– Dual Supply: ±1.35 V to ±18 V
supplies by limiting the input currents to less than
•
Specified Temperature Range:
8 mA.
–40°C to +125°C
The INA826 is available in SO-8, MSOP-8, and tiny
•
Packages: MSOP-8, SO-8 and DFN-8
3-mm
× 3-mm DFN-8 surface-mount packages. All
versions are specified for the
–40°C to +125°C
APPLICATIONS
temperature range.
•
Industrial Process Controls
RELATED PRODUCTS
•
Circuit Breakers
DEVICE
DESCRIPTION
•
Battery Testers
25-
µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO,
INA333
50-
µA IQ, chopper-stabilized INA
•
ECG Amplifiers
20-mV to
±10-V programmable gain IA with 3-V or
•
Power Automation
PGA280
5-V differential output; analog supply up to
±18 V
•
Medical Instrumentation
G = 0.2 V differential amplifier for
±10-V to 3-V and
INA159
•
Portable Instrumentation
5-V conversion
Precision programmable gain op amp with SPI
™
PGA112
interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
PhotoMOS is a registered trademark of Panasonic Electric Works Europe AG.
4
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA826

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI1-INA826 Datasheet
1Mb / 43P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI-INA826 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA826 TI1-INA826 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
MARCH 2025
INA826 TI2-INA826 Datasheet
2Mb / 51P
INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
REVISED JUNE 2020
More results

Similar Description - INA826

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA826S TI1-INA826S Datasheet
1Mb / 40P
Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com