Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
10kW
OPA333
±10mV
AdjustmentRange
100 W
100 W
100 A
m
1/2REF200
100 A
m
1/2REF200
V+
V-
R
G
INA826
REF
V
O
V
IN-
V
IN+
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
OFFSET TRIMMING
Most applications require no external offset adjustment; however, if necessary, adjustments can be made by
applying a voltage to the REF terminal. Figure 59 shows an optional circuit for trimming the output offset voltage.
The voltage applied to the REF terminal is summed at the output. The op amp buffer provides low impedance at
the REF terminal to preserve good common-mode rejection.
Figure 59. Optional Trimming of Output Offset Voltage
INPUT COMMON-MODE RANGE
The linear input voltage range of the INA826 input circuitry extends from the negative supply voltage to 1 V
below the positive supply, while maintaining 84-dB (minimum) common-mode rejection throughout this range.
The common-mode range for most common operating conditions is described in the typical characteristic curves
(Input Common-Mode Voltage vs Output Voltage, Figure 9 through Figure 16) and Offset Voltage vs
Common-Mode Voltage (Figure 41 through Figure 44). The INA826 can operate over a wide range of power
supplies and VREF configurations, making it impractical to provide a comprehensive guide to common-mode
range limits for all possible conditions.
The most commonly overlooked overload condition occurs when a circuit exceeds the output swing of A1 and A2,
which are internal circuit nodes that cannot be measured. Calculating the expected voltages at the output of A1
and A2 (see Figure 60) provides a check for the most common overload conditions. The designs of A1 and A2 are
identical and the outputs can swing to within approximately 100 mV of the power-supply rails. For example, when
the A2 output is saturated, A1 may continue to be in linear operation, responding to changes in the noninverting
input voltage. This difference may give the appearance of linear operation but the output voltage is invalid.
A single-supply instrumentation amplifier has special design considerations. To achieve a common-mode range
that extends to single-supply ground, the INA826 employs a current-feedback topology with PNP input
transistors; see Figure 60. The matched PNP transistors Q1 and Q2 shift the input voltages of both inputs up by a
diode drop, and through the feedback network, shift the output of A1 and A2 by approximately +0.8 V. With both
inputs and VREF at single-supply ground (negative power supply), the output of A1 and A2 is well within the linear
range, allowing users to make differential measurements at the GND level. As a result of this input level-shifting,
the voltages at pin 2 and pin 3 are not equal to the respective input terminal voltages (pin 1 and pin 4). For most
applications, this inequality is not important because only the gain-setting resistor connects to these pins.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com