Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments INA826 Datasheet HTML 25Page - Texas Instruments INA826 Datasheet HTML 26Page - Texas Instruments INA826 Datasheet HTML 27Page - Texas Instruments INA826 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
(e
+
NI
2
´
e
NO
2
G
´
6
V
DIFF
BW
INA826
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
Resistor-adjustable INAs such as the INA826 show the lowest gain error in G = 1 because of the inherently
well-matched drift of the internal resistors of the differential amplifier. At gains greater than 1 (for instance, G =
10 V/V or G = 100 V/V) the gain error becomes a significant error source because of the contribution of the
resistor drift of the 24.7-k
Ω feedback resistors in conjunction with the external gain resistor. Except for very high
gain applications, the gain drift is by far the largest error contributor compared to other drift errors, such as offset
drift. The INA826 offers the lowest gain error over temperature in the marketplace for both G
> 1 and G = 1 (no
external gain resistor). Table 2 summarizes the major error sources in common INA applications and compares
the two cases of G = 1 (no external resistor) and G = 10 (5.49-k
Ω external resistor). As can be seen in Table 2,
while the static errors (absolute accuracy errors) in G = 1 are almost twice as great as compared to G = 10, there
are much fewer drift errors because of the much lower gain error drift. In most applications, these static errors
can readily be removed during calibration in production. All calculations refer the error to the input for easy
comparison and system evaluation.
Table 2. Error Calculation
INA826
G = 10 ERROR
G = 1 ERROR
SPEC
ERROR SOURCE
ERROR CALCULATION
(ppm)
(ppm)
ABSOLUTE ACCURACY AT +25
°C
Input offset voltage (
μV)
VOSI/VDIFF
150
150
150
Output offset voltage (
μV)
VOSO/(G × VDIFF)
700
70
700
Input offset current (nA)
IOS × maximum (RS+, RS–)/VDIFF
5
50
50
104 (G = 10),
CMRR (dB)
63
631
VCM/(10
CMRR/20 × V
DIFF)
84 (G = 1)
Total absolute accuracy error (ppm)
333
1531
DRIFT TO +105
°C
35 (G = 10),
Gain drift (ppm/
°C)
GTC
× (TA – 25)
2800
80
1 (G = 1)
Input offset voltage drift (
μV/°C)
(VOSI_TC/VDIFF) × (TA – 25)
2
160
160
Output offset voltage drift (
μV/°C)
[VOSO_TC/( G × VDIFF)] × (TA – 25)
10
80
800
IOS_TC × maximum (RS+, RS–) ×
Offset current drift (pA/
°C)
60
48
48
(TA – 25)/VDIFF
Total drift error (ppm)
3088
1088
RESOLUTION
Gain nonlinearity (ppm of FS)
5
5
5
eNI = 18,
Voltage noise (1 kHz)
10
10
eNO = 110
Total resolution error (ppm)
15
15
TOTAL ERROR
Total error
Total error = sum of all error sources
3436
2634
LAYOUT GUIDELINES
Attention to good layout practices is always recommended. Keep traces short and, when possible, use a printed
circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as possible.
Place 0.1-
μF bypass capacitors close to the supply pins. These guidelines should be applied throughout the
analog circuit to improve performance and provide benefits such as reducing the electromagnetic-interference
(EMI) susceptibility.
CMRR vs Frequency
The INA826 pinout has been optimized for achieving maximum CMRR performance over a wide range of
frequencies. However, care must be taken to ensure that both input paths are well-matched for source
impedance and capacitance to avoid converting common-mode signals into differential signals. In addition,
parasitic capacitance at the gain-setting pins can also affect CMRR over frequency. For example, in applications
that implement gain switching using switches or PhotoMOS® relays to change the value of RG, the component
should be chosen so that the switch capacitance is as small as possible.
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com