Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
A
1
A
2
A
3
7
50kW
50kW
50kW
50kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
Device
G=1+
49.4kW
R
G
6
RFIFilter
24.7kW
24.7kW
RFIFilter
Load
V =G
(V
´
V
-
)
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
R
G
Alsodrawninsimplifiedform:
Device
REF
V
O
-IN
+IN
REF
R
(1)
S
R
(1)
S
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
Figure 58 shows the basic connections required for operation of the INA826. Good layout practice mandates the
use of bypass capacitors placed as close to the device pins as possible.
The output of the INA826 is referred to the output reference (REF) terminal, which is normally grounded. This
connection must be low-impedance to assure good common-mode rejection. Although 5
Ω or less of stray
resistance can be tolerated while maintaining specified CMRR, small stray resistances of tens of ohms in series
with the REF pin can cause noticeable degradation in CMRR.
(1) This resistor is optional if the input voltage stays above [(V
–) – 2 V] or the signal source current drive capability is limited to less than 3.5
mA. See the Input Protection section for more details.
Figure 58. Basic Connections
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com