Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA826 Datasheet HTML 25Page - Texas Instruments INA826 Datasheet HTML 26Page - Texas Instruments INA826 Datasheet HTML 27Page - Texas Instruments INA826 Datasheet HTML 28Page - Texas Instruments INA826 Datasheet HTML 29Page - Texas Instruments INA826 Datasheet HTML 30Page - Texas Instruments INA826 Datasheet HTML 31Page - Texas Instruments INA826 Datasheet HTML 32Page - Texas Instruments INA826 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
NC
+Vs
-Vs
+Vs
-Vs
+Vs
Rg 5k
Vin
Temp
GND
Vout
Trim
U2 REF5025
Rset 2.5k
Rparasitic 5
V1 15
V2 15
-
+
Vout
RTD 100
A
+
Iset
-
+
Vset
VirtualGND
-
+
+
U1 OPA188
R2 1.5M
+
+
-
Rg
Rg
Ref
U4 INA826
Vref5025
+Vs
-Vs
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
Figure 69 shows an example of how the INA826 can be used for RTD signal conditioning. This circuit creates an
excitation current (ISET) by forcing +2.5 V from the REF5025 across RSET. The zero-drift, low-noise OPA188
creates the virtual ground that maintains a constant differential voltage across RSET with changing common-mode
voltage. This voltage is necessary because the voltage on the positive input of the INA826 fluctuates over
temperature as a result of the changing RTD resistance. Click the following link to download the TINA-TI file:
RTD Circuit.
Figure 69. RTD Signal Conditioning
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com