Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 42Page - NXP Semiconductors EM773 Datasheet HTML 43Page - NXP Semiconductors EM773 Datasheet HTML 44Page - NXP Semiconductors EM773 Datasheet HTML 45Page - NXP Semiconductors EM773 Datasheet HTML 46Page - NXP Semiconductors EM773 Datasheet HTML 47Page - NXP Semiconductors EM773 Datasheet HTML 48Page - NXP Semiconductors EM773 Datasheet HTML 49Page - NXP Semiconductors EM773 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
46 of 51
NXP Semiconductors
EM773
Energy metering IC
13. Soldering
Fig 28. Reflow soldering of the HVQFN33 package
Footprint information for reflow soldering of HVQFN33 package
001aao134
occupied area
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
Remark:
Stencil thickness: 0.125 mm
e = 0.65
evia = 4.25
OwDtot = 5.10 OA
PID = 7.25 PA+OA
OID = 8.20 OA
0.20 SR
chamfer (4×)
W = 0.30 CU
evia = 2.40
LbD = 5.80 CU
LaD = 7.95 CU
DHS = 4.85 CU
4.55 SR
B-side
(A-side fully covered)
number of vias: 20
Solder resist
covered via
0.30 PH
0.60 SR cover
0.60 CU
SDhtot = 2.70 SP
0.45 DM
SPD = 1.00 SP
GapD = 0.70 SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com