Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 3Page - NXP Semiconductors EM773 Datasheet HTML 4Page - NXP Semiconductors EM773 Datasheet HTML 5Page - NXP Semiconductors EM773 Datasheet HTML 6Page - NXP Semiconductors EM773 Datasheet HTML 7Page - NXP Semiconductors EM773 Datasheet HTML 8Page - NXP Semiconductors EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors EM773 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
7 of 51
NXP Semiconductors
EM773
Energy metering IC
SWCLK/PIO0_10/SCK0/
CT16B0_MAT2
19[3]
yes
I
I;PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
I_HIGHGAIN
21[5]
no
I
I;PU
I_HIGHGAIN — High gain current input for metrology
engine.
PIO1_1 to PIO1_9;
PIO1_11
I/O
Port 1 — Port 1 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 1 pins depends on the function
selected through the IOCONFIG register block. Pins
PIO1_0 and PIO1_10 are not available.
VOLTAGE
22[5]
no
I
I;PU
VOLTAGE — Voltage input for the metrology engine.
R/PIO1_1/
CT32B1_MAT0
23[5]
no
O
I;PU
R — Reserved. Configure for an alternate function in
the IOCONFIG block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
CT32B1_MAT1
24[5]
no
I
I;PU
R — Reserved. Configure for an alternate function in
the IOCONFIG block.
I/O
-
PIO1_2 — General purpose digital input/output pin.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/
CT32B1_MAT2
25[5]
no
I/O
I;PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/
CT32B1_MAT3/WAKEUP
26
no
I/O
I;PU
PIO1_4 — General purpose digital input/output pin.
O-
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
I-
WAKEUP — Deep power-down mode wake-up pin with
20 ns glitch filter. This pin must be pulled HIGH
externally to enter Deep power-down mode and pulled
LOW to exit Deep power-down mode. A LOW-going
pulse as short as 50 ns wakes up the part.
PIO1_5/RTS/
CT32B0_CAP0
30[3]
no
I/O
I;PU
PIO1_5 — General purpose digital input/output pin.
O-
RTS — Request To Send output for UART.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
31[3]
no
I/O
I;PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
32[3]
no
I/O
I;PU
PIO1_7 — General purpose digital input/output pin.
O-
TXD — Transmitter output for UART.
O-
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_8
7[3]
no
I/O
I;PU
PIO1_8 — General purpose digital input/output pin.
PIO1_9
12[3]
no
I/O
I;PU
PIO1_9 — General purpose digital input/output pin.
I_LOWGAIN
20
no
I
I;PU
I_LOWGAIN — Low gain current input for metrology
engine.
Table 2.
EM773 pin description table …continued
Symbol
Pin
Start
logic
input
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com