Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 18Page - NXP Semiconductors EM773 Datasheet HTML 19Page - NXP Semiconductors EM773 Datasheet HTML 20Page - NXP Semiconductors EM773 Datasheet HTML 21Page - NXP Semiconductors EM773 Datasheet HTML 22Page - NXP Semiconductors EM773 Datasheet HTML 23Page - NXP Semiconductors EM773 Datasheet HTML 24Page - NXP Semiconductors EM773 Datasheet HTML 25Page - NXP Semiconductors EM773 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
22 of 51
NXP Semiconductors
EM773
Energy metering IC
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.0 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.0 V
3-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.0 V
3
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[14] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[14] --
50
mA
Ipd
pull-down current
VI =5V
10
50
150
A
Ipu
pull-up current
VI =0V;
2.0 V
 V
DD  3.6 V
15
50
85
A
1.8 V
 V
DD < 2.0 V
10
50
85
A
VDD <VI <5V
0
0
0
A
High-drive output pin (PIO0_7)
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD;
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[11][12]
[13]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
2.5 V
V
DD 3.6 V;
IOH = 20 mA
VDD  0.4
-
-
V
1.8 V
V
DD < 2.5 V;
IOH = 12 mA
VDD  0.4
-
-
V
VOL
LOW-level output
voltage
2.0 V
V
DD 3.6 V;
IOL =4 mA
--
0.4
V
1.8 V
V
DD < 2.0 V;
IOL =3 mA
--
0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
20
-
-
mA
1.8 V
 V
DD < 2.5 V
12
-
-
mA
Table 4.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com