Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 4Page - NXP Semiconductors EM773 Datasheet HTML 5Page - NXP Semiconductors EM773 Datasheet HTML 6Page - NXP Semiconductors EM773 Datasheet HTML 7Page - NXP Semiconductors EM773 Datasheet HTML 8Page - NXP Semiconductors EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors EM773 Datasheet HTML 11Page - NXP Semiconductors EM773 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
8 of 51
NXP Semiconductors
EM773
Energy metering IC
[1]
Pin state at reset for default function: I = Input; O = Output; PU = internal pull-up enabled; (pins pulled up to full VDD level ); IA = inactive,
no pull-up/down enabled.
[2]
See Figure 25 for the reset pad configuration. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to
reset the chip and wake up from Deep power-down mode. An external pull-up resistor is required on this pin for the Deep power-down
mode. Pin is 5 V tolerant.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 24).
[4]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus.
[5]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a analog input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 24).
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
PIO1_11
27
no
I/O
I;PU
PIO1_11 — General purpose digital input/output pin.
PIO2_0
I/O
Port 2 — Port 2 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 2 pins depends on the function
selected through the IOCONFIG register block. Pins
PIO2_1 to PIO2_11 are not available.
PIO2_0/DTR
1[3]
no
I/O
I;PU
PIO2_0 — General purpose digital input/output pin.
O-
DTR — Data Terminal Ready output for UART.
PIO3_0 to PIO3_5
no
I/O
Port 3 — Port 3 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 3 pins depends on the function
selected through the IOCONFIG register block. Pins
PIO3_0, PIO3_1, PIO3_3 and PIO3_6 to PIO3_11 are
not available.
PIO3_2
28[3]
no
I/O
I;PU
PIO3_2 — General purpose digital input/output pin.
PIO3_4
13[3]
no
I/O
I;PU
PIO3_4 — General purpose digital input/output pin.
PIO3_5
14[3]
no
I/O
I;PU
PIO3_5 — General purpose digital input/output pin.
VDD
6; 29
-
I
-
3.3 V supply voltage to the internal regulator, the
external rail, and the metrology engine.
XTALIN
4[6]
-
I
-
Input to the oscillator circuit and internal clock generator
circuits. Input voltage must not exceed 1.8 V.
XTALOUT
5[6]
-
O
-
Output from the oscillator amplifier.
VSS
33
-
-
-
Thermal pad. Connect to ground.
Table 2.
EM773 pin description table …continued
Symbol
Pin
Start
logic
input
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com