Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 26Page - NXP Semiconductors EM773 Datasheet HTML 27Page - NXP Semiconductors EM773 Datasheet HTML 28Page - NXP Semiconductors EM773 Datasheet HTML 29Page - NXP Semiconductors EM773 Datasheet HTML 30Page - NXP Semiconductors EM773 Datasheet HTML 31Page - NXP Semiconductors EM773 Datasheet HTML 32Page - NXP Semiconductors EM773 Datasheet HTML 33Page - NXP Semiconductors EM773 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
30 of 51
NXP Semiconductors
EM773
Energy metering IC
9.4 Electrical pin characteristics
Conditions: VDD = 3.3 V; on pin PIO0_7.
Fig 10. High-drive output: Typical HIGH-level output voltage VOH versus HIGH-level
output current IOH.
Conditions: VDD = 3.3 V; on pins PIO0_4 and PIO0_5.
Fig 11. I2C-bus pins (high current sink): Typical LOW-level output current IOL versus
LOW-level output voltage VOL
IOH (mA)
0
60
40
20
10
50
30
002aae990
2.8
2.4
3.2
3.6
VOH
(V)
2
T = 85
°C
25
°C
−40 °C
VOL (V)
0
0.6
0.4
0.2
002aaf019
20
40
60
IOL
(mA)
0
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com