Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 25Page - NXP Semiconductors EM773 Datasheet HTML 26Page - NXP Semiconductors EM773 Datasheet HTML 27Page - NXP Semiconductors EM773 Datasheet HTML 28Page - NXP Semiconductors EM773 Datasheet HTML 29Page - NXP Semiconductors EM773 Datasheet HTML 30Page - NXP Semiconductors EM773 Datasheet HTML 31Page - NXP Semiconductors EM773 Datasheet HTML 32Page - NXP Semiconductors EM773 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
29 of 51
NXP Semiconductors
EM773
Energy metering IC
9.3 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code is executed. Measured on a typical sample at Tamb =25 C. Unless
noted otherwise, the system oscillator and PLL are running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 48 MHz.
Table 6.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in
mA
Notes
n/a
12 MHz
48 MHz
IRC
0.27
-
-
System oscillator running; PLL off; independent
of main clock frequency.
System oscillator
at 12 MHz
0.22
-
-
IRC running; PLL off; independent of main clock
frequency.
Watchdog
oscillator at
500 kHz/2
0.004
-
-
System oscillator running; PLL off; independent
of main clock frequency.
BOD
0.051
-
-
Independent of main clock frequency.
Main PLL
-
0.21
-
CLKOUT
-
0.12
0.47
Main clock divided by 4 in the CLKOUTDIV
register.
CT16B0
-
0.02
0.06
CT16B1
-
0.02
0.06
CT32B0
-
0.02
0.07
CT32B1
-
0.02
0.06
GPIO
-
0.23
0.88
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
IOCONFIG
-
0.03
0.10
I2C
-
0.04
0.13
ROM
-
0.04
0.15
SPI0
-
0.12
0.45
UART
-
0.22
0.82
WDT
-
0.02
0.06
Main clock selected as clock source for the
WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com