Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 2Page - NXP Semiconductors EM773 Datasheet HTML 3Page - NXP Semiconductors EM773 Datasheet HTML 4Page - NXP Semiconductors EM773 Datasheet HTML 5Page - NXP Semiconductors EM773 Datasheet HTML 6Page - NXP Semiconductors EM773 Datasheet HTML 7Page - NXP Semiconductors EM773 Datasheet HTML 8Page - NXP Semiconductors EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
6 of 51
NXP Semiconductors
EM773
Energy metering IC
6.2 Pin description
Table 2.
EM773 pin description table
Symbol
Pin
Start
logic
input
Type
Reset
state
[1]
Description
PIO0_0 to PIO0_10
I/O
Port 0 — Port 0 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 0 pins depends on the function
selected through the IOCONFIG register block. Pin
PIO0_11 is not available.
RESET/PIO0_0
2[2]
yes
I
I;PU
RESET — External reset input with 20 ns glitch filter. A
LOW-going pulse as short as 50 ns on this pin resets
the device, causing I/O ports and peripherals to take on
their default states, and processor execution to begin at
address 0.
I/O
-
PIO0_0 — General purpose digital input/output pin.
PIO0_1/CLKOUT/
CT32B0_MAT2
3[3]
yes
I/O
I;PU
PIO0_1 — General purpose digital input/output pin. A
LOW level on this pin during reset starts the ISP
command handler.
O-
CLKOUT — Clock out pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
PIO0_2/SSEL0/
CT16B0_CAP0
8[3]
yes
I/O
I;PU
PIO0_2 — General purpose digital input/output pin.
I/O
-
SSEL0 — Slave select for SPI0.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3
9[3]
yes
I/O
I;PU
PIO0_3 — General purpose digital input/output pin.
PIO0_4/SCL
10[4]
yes
I/O
IA
PIO0_4 — General purpose digital input/output pin
(open-drain).
I/O
-
SCL — I2C-bus, open-drain clock input/output.
High-current sink only if I2C Fast-mode Plus is selected
in the I/O configuration register.
PIO0_5/SDA
11[4]
yes
I/O
IA
PIO0_5 — General purpose digital input/output pin
(open-drain).
I/O
-
SDA — I2C-bus, open-drain data input/output.
High-current sink only if I2C Fast-mode Plus is selected
in the I/O configuration register.
PIO0_6/SCK0
15[3]
yes
I/O
I;PU
PIO0_6 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
PIO0_7/CTS
16[3]
yes
I/O
I;PU
PIO0_7 — General purpose digital input/output pin
(high-current output driver).
I-
CTS — Clear To Send input for UART.
PIO0_8/MISO0/
CT16B0_MAT0
17[3]
yes
I/O
I;PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO0 — Master In Slave Out for SPI0.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI0/
CT16B0_MAT1
18[3]
yes
I/O
I;PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI0 — Master Out Slave In for SPI0.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com