Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 97Page - NXP Semiconductors LPC1850 Datasheet HTML 98Page - NXP Semiconductors LPC1850 Datasheet HTML 99Page - NXP Semiconductors LPC1850 Datasheet HTML 100Page - NXP Semiconductors LPC1850 Datasheet HTML 101Page - NXP Semiconductors LPC1850 Datasheet HTML 102Page - NXP Semiconductors LPC1850 Datasheet HTML 103Page - NXP Semiconductors LPC1850 Datasheet HTML 104Page - NXP Semiconductors LPC1850 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
101 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
10.2 Electrical pin characteristics
Conditions: VDD(REG)(3V3) =VDD(IO) = 3.3 V; standard
port pins.
Conditions: VDD(REG)(3V3) =VDD(IO) = 3.3 V; standard
port pins.
Fig 18. Typical HIGH-level output voltage VOH versus
HIGH-level output source current IOH
Fig 19. Typical LOW-level output current IOL versus
LOW-level output voltage VOL
<tbd>
X (X)
XX
X
XX
X
001aab173
X
X
X
X
X
X
(X)
X
<tbd>
X (X)
XX
X
XX
X
001aab173
X
X
X
X
X
X
(X)
X
Conditions: VDD(IO)) = 3.3 V. Simulated values. Values at T = 25 C are typical values. Values at
T=
40 C correspond to minimum values.
Fig 20. Typical pull-up current Ipu versus input voltage VI
VI (V)
0
5
4
23
1
002aag625
-40
-20
-60
0
+20
Ipu
(μA)
-80
T = 25 °C
-40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com