Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 101Page - NXP Semiconductors LPC1850 Datasheet HTML 102Page - NXP Semiconductors LPC1850 Datasheet HTML 103Page - NXP Semiconductors LPC1850 Datasheet HTML 104Page - NXP Semiconductors LPC1850 Datasheet HTML 105Page - NXP Semiconductors LPC1850 Datasheet HTML 106Page - NXP Semiconductors LPC1850 Datasheet HTML 107Page - NXP Semiconductors LPC1850 Datasheet HTML 108Page - NXP Semiconductors LPC1850 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
105 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
11.4 IRC and RTC oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
11.5 I2C-bus
Table 12.
Dynamic characteristic: IRC and RTC oscillators
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator
frequency
-
11.88
12
12.12
MHz
fi(RTC)
RTC input frequency
-
-
32.768
-
kHz
Conditions: Frequency values are typical values.
Fig 23. Internal RC oscillator frequency versus temperature
<tbd>
X (X)
XX
X
XX
X
001aab173
X
X
X
X
X
X
(X)
X
Table 13.
Dynamic characteristic: I2C-bus pins
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
Fast-mode Plus
0
1
MHz
tf
fall time
[3][4][5][6]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 C
b
300
ns
Fast-mode Plus
-
120
ns
tLOW
LOW period of the SCL clock
Standard-mode
4.7
-
s
Fast-mode
1.3
-
s
Fast-mode Plus
0.5
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com