Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 103Page - NXP Semiconductors LPC1850 Datasheet HTML 104Page - NXP Semiconductors LPC1850 Datasheet HTML 105Page - NXP Semiconductors LPC1850 Datasheet HTML 106Page - NXP Semiconductors LPC1850 Datasheet HTML 107Page - NXP Semiconductors LPC1850 Datasheet HTML 108Page - NXP Semiconductors LPC1850 Datasheet HTML 109Page - NXP Semiconductors LPC1850 Datasheet HTML 110Page - NXP Semiconductors LPC1850 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
107 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
11.6 I2S-bus interface
[1]
Clock to the I2S-bus interface BASE_APB1_CLK = 150 MHz; peripheral clock to the I2S-bus interface
PCLK = BASE_APB1_CLK / 12. I2S clock cycle time Tcy(clk) = 79.2 ns; corresponds to the SCK signal in the
I2S-bus specification.
Table 14.
Dynamic characteristics: I2S-bus interface pins
Tamb =25 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF. Conditions and data
refer to I2S0 and I2S1 pins. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
common to input and output
tr
rise time
-
4
-
ns
tf
fall time
-
4
-
ns
tWH
pulse width HIGH
on pins I2Sx_TX_SCK
and I2Sx_RX_SCK
<tbd>
-
-
-
tWL
pulse width LOW
on pins I2Sx_TX_SCK
and I2Sx_RX_SCK
--
<tbd>
ns
output
tv(Q)
data output valid time on pin I2Sx_TX_SDA
[1]
-4.4
-
ns
on pin I2Sx_TX_WS
-
4.3
-
ns
input
tsu(D)
data input set-up time on pin I2Sx_RX_SDA
[1]
-0
-
ns
on pin I2Sx_RX_WS
0.20
ns
th(D)
data input hold time
on pin I2Sx_RX_SDA
[1]
-3.7
-
ns
on pin I2Sx_RX_WS
-
3.9
-
ns
Fig 25. I2S-bus timing (transmit)
002aag497
I2Sx_TX_SCK
I2Sx_TX_SDA
I2Sx_TX_WS
Tcy(clk)
tf
tr
tWH
tWL
tv(Q)
tv(Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com