Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 114Page - NXP Semiconductors LPC1850 Datasheet HTML 115Page - NXP Semiconductors LPC1850 Datasheet HTML 116Page - NXP Semiconductors LPC1850 Datasheet HTML 117Page - NXP Semiconductors LPC1850 Datasheet HTML 118Page - NXP Semiconductors LPC1850 Datasheet HTML 119Page - NXP Semiconductors LPC1850 Datasheet HTML 120Page - NXP Semiconductors LPC1850 Datasheet HTML 121Page - NXP Semiconductors LPC1850 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
118 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[1]
Characterized but not implemented as production test.
[2]
Total average power consumption.
[3]
The driver is active only 20 % of the time.
11.11 Ethernet
Table 21.
Static characteristics: USB0 PHY pins[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-speed mode
Pcons
power consumption
[2] -68
-
mW
IDDA(3V3) analog supply current (3.3 V)
on pin USB0_VDDA3V3_DRIVER;
total supply current
[3]
-18
-
mA
during transmit
-
31
-
mA
during receive
-
14
-
mA
with driver tri-stated
-
14
-
mA
IDDD
digital supply current
-
7
-
mA
Full-speed/low-speed mode
Pcons
power consumption
[2] -15
-
mW
IDDA(3V3) analog supply current (3.3 V)
on pin USB0_VDDA3V3_DRIVER;
total supply current
-
3.5
-
mA
during transmit
-
5
-
mA
during receive
-
3
-
mA
with driver tri-stated
-
3
-
mA
IDDD
digital supply current
-
3
-
mA
Suspend mode
IDDA(3V3) analog supply current (3.3 V)
-
24
-
A
with driver tri-stated
-
24
-
A
with OTG functionality enabled
-
3
-
mA
IDDD
digital supply current
-
30
-
A
VBUS detector outputs
Vth
threshold voltage
for VBUS valid
4.4
-
-
V
for session end
0.2
-
0.8
V
for A valid
0.8
-
2
V
for B valid
2
-
4
V
Vhys
hysteresis voltage
for session end
-
150
10
mV
A valid
-
200
10
mV
B valid
-
200
10
mV
Table 22.
Dynamic characteristics: Ethernet
Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. Values guaranteed by
design.
Symbol Parameter
Conditions
Min
Max
Unit
RMII mode
fclk
clock frequency
for ENET_RX_CLK
[1]
-50
MHz
clk
clock duty cycle
[1]
50
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com