Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 121 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 117Page - NXP Semiconductors LPC1850 Datasheet HTML 118Page - NXP Semiconductors LPC1850 Datasheet HTML 119Page - NXP Semiconductors LPC1850 Datasheet HTML 120Page - NXP Semiconductors LPC1850 Datasheet HTML 121Page - NXP Semiconductors LPC1850 Datasheet HTML 122Page - NXP Semiconductors LPC1850 Datasheet HTML 123Page - NXP Semiconductors LPC1850 Datasheet HTML 124Page - NXP Semiconductors LPC1850 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
121 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
12. ADC/DAC electrical characteristics
[1]
The ADC is monotonic, there are no missing codes.
[2]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 35.
[3]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 35.
[4]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 35.
[5]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 35.
[6]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve. See Figure 35.
[7]
Tamb = 25 C; maximum sampling frequency fs = 4.5 MHz and analog input capacitance Cia = 2 pF.
[8]
Input resistance Ri depends on the sampling frequency fs: Ri = 2 k + 1 / (fs  Cia).
Table 25.
ADC characteristics
VDDA(3V3) over specified ranges; Tamb = 40 C to +85 C; ADC frequency 4.5 MHz; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA(3V3)
V
Cia
analog input capacitance
-
-
2
pF
ED
differential linearity error
2.7 V
 V
DDA(3V3)  3.6 V
[1][2] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
LSB
EL(adj)
integral non-linearity
2.7 V
 V
DDA(3V3)  3.6 V
[3] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.5
-
LSB
EO
offset error
2.7 V
 V
DDA(3V3)  3.6 V
[4] -
0.15
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
0.15
-
LSB
EG
gain error
2.7 V
 V
DDA(3V3)  3.6 V
[5] -
0.3
-
%
2.2 V
 V
DDA(3V3) < 2.7 V
-
0.35
-
%
ET
absolute error
2.7 V
 V
DDA(3V3)  3.6 V
[6] -
3-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
4-
LSB
Rvsi
voltage source interface
resistance
see Figure 36
--
1/(7
 f
clk(ADC)
 C
ia)
k
Ri
input resistance
[7][8] --
1.2
M
fclk(ADC) ADC clock frequency
-
-
4.5
MHz
fc(ADC)
ADC conversion frequency 10-bit resolution; 11 clock
cycles
-
-
400
kSamples/s
2-bit resolution; 3 clock
cycles
1.5
MSamples/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com