Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 132 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 128Page - NXP Semiconductors LPC1850 Datasheet HTML 129Page - NXP Semiconductors LPC1850 Datasheet HTML 130Page - NXP Semiconductors LPC1850 Datasheet HTML 131Page - NXP Semiconductors LPC1850 Datasheet HTML 132Page - NXP Semiconductors LPC1850 Datasheet HTML 133Page - NXP Semiconductors LPC1850 Datasheet HTML 134Page - NXP Semiconductors LPC1850 Datasheet HTML 135Page - NXP Semiconductors LPC1850 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
132 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Fig 43. Package outline of the LQFP208 package
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
1.45
1.35
0.25
0.27
0.17
0.20
0.09
28.1
27.9
0.5
30.15
29.85
1.43
1.08
7
0
o
o
0.08
0.12
1
0.08
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT459-1
136E30
MS-026
00-02-06
03-02-20
D(1)
28.1
27.9
HD
30.15
29.85
E
Z
1.43
1.08
D
pin 1 index
bp
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
52
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
208
157
156
105
104
53
y
w M
w M
0
5
10 mm
scale
LQFP208; plastic low profile quad flat package; 208 leads; body 28 x 28 x 1.4 mm
SOT459-1
A
max.
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com