Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 131Page - Texas Instruments AM3359 Datasheet HTML 132Page - Texas Instruments AM3359 Datasheet HTML 133Page - Texas Instruments AM3359 Datasheet HTML 134Page - Texas Instruments AM3359 Datasheet HTML 135Page - Texas Instruments AM3359 Datasheet HTML 136Page - Texas Instruments AM3359 Datasheet HTML 137Page - Texas Instruments AM3359 Datasheet HTML 138Page - Texas Instruments AM3359 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
Complete stackup specifications are provided in Table 5-27.
Table 5-27. PCB Stackup Specifications(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing/plane layers
4
2
Signal routing layers
2
3
Full ground layers under LPDDR routing region
1
4
Number of ground plane cuts allowed within LPDDR routing region
0
5
Full VDDS_DDR power reference layers under LPDDR routing region
1
6
Number of layers between LPDDR routing layer and reference ground
0
plane
7
PCB routing feature size
4
mils
8
PCB trace width, w
4
mils
9
PCB BGA escape via pad size(2)
18
20
mils
10
PCB BGA escape via hole size(2)
10
mils
ZCZ package
0.5
11
AM335x BGA pad size
mm
ZCE package
0.4
13
Single-ended impedance, Zo(3)
50
75
ohms
14
Impedance control(4)(5)
Zo-5
Zo
Zo+5
ohms
(1) For the LPDDR device BGA pad size, see the LPDDR device manufacturer documentation.
(2) A 20/10 via may be used if enough power routing resources are available. An 18/10 via allows for more flexible power routing to the
AM335x device.
(3) Zo is the nominal singled-ended impedance selected for the PCB.
(4) This parameter specifies the AC characteristic impedance tolerance for each segment of a PCB signal trace relative to the chosen Zo
defined by the single-ended impedance parameter.
(5) Tighter impedance control is required to ensure flight time skew is minimal.
Copyright
© 2011–2012, Texas Instruments Incorporated
Peripheral Information and Timings
135
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com