Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 141Page - Texas Instruments AM3359 Datasheet HTML 142Page - Texas Instruments AM3359 Datasheet HTML 143Page - Texas Instruments AM3359 Datasheet HTML 144Page - Texas Instruments AM3359 Datasheet HTML 145Page - Texas Instruments AM3359 Datasheet HTML 146Page - Texas Instruments AM3359 Datasheet HTML 147Page - Texas Instruments AM3359 Datasheet HTML 148Page - Texas Instruments AM3359 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
5.4.2.2.2.2 Compatible JEDEC DDR2 Devices
Table 5-37 shows the parameters of the JEDEC DDR2 devices that are compatible with this interface.
Generally, the DDR2 interface is compatible with x16 or x8 DDR2-533 speed grade DDR2 devices.
Table 5-37. Compatible JEDEC DDR2 Devices (Per Interface)(1)
NO.
PARAMETER
MIN
MAX
UNIT
1
JEDEC DDR2 device speed grade(2)
DDR2-533
2
JEDEC DDR2 device bit width
x8
x16
Bits
3
JEDEC DDR2 device count
1
2
Devices
4
JEDEC DDR2 device terminal count(3)
60
84
Terminals
(1) If the DDR2 interface is operated with a clock frequency less than 266 MHz, lower-speed grade DDR2 devices may be used if the
minimum clock period specified for the DDR2 device is less than or equal to the minimum clock period selected for the AM335x DDR2
interface.
(2) Higher DDR2 speed grades are supported due to inherent JEDEC DDR2 backwards compatibility.
(3) 92-terminal devices are also supported for legacy reasons. New designs will migrate to 84-terminal DDR2 devices. Electrically, the 92-
and 84-terminal DDR2 devices are the same.
5.4.2.2.2.3 PCB Stackup
The minimum stackup required for routing the AM335x device is a four-layer stackup as shown in
Table 5-38. Additional layers may be added to the PCB stackup to accommodate other circuitry, enhance
signal integrity and electromagnetic interference performance, or to reduce the size of the PCB footprint.
Table 5-38. Minimum PCB Stackup(1)
LAYER
TYPE
DESCRIPTION
1
Signal
Top signal routing
2
Plane
Ground
3
Plane
Split Power Plane
4
Signal
Bottom signal routing
(1)
All signals that have critical signal integrity requirements should be
routed first on layer 1. It may not be possible to route all of these
signals on layer 1 which requires some to be routed on layer 4.
When this is done, the signal routes on layer 4 should not cross
splits in the power plane.
Copyright
© 2011–2012, Texas Instruments Incorporated
Peripheral Information and Timings
145
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com