Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 166Page - Texas Instruments AM3359 Datasheet HTML 167Page - Texas Instruments AM3359 Datasheet HTML 168Page - Texas Instruments AM3359 Datasheet HTML 169Page - Texas Instruments AM3359 Datasheet HTML 170Page - Texas Instruments AM3359 Datasheet HTML 171Page - Texas Instruments AM3359 Datasheet HTML 172Page - Texas Instruments AM3359 Datasheet HTML 173Page - Texas Instruments AM3359 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
Table 5-59. CK and ADDR_CTRL Routing Specification(1)(2)(3) (continued)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
7
AS skew
25
mils
8
AS+/AS- length
70
mils
9
AS+/AS- skew
5
mils
10
AT length(6)
500
mils
11
AT skew(7)
100
mils
12
AT skew(8)
5
mils
13
CK/ADDR_CTRL nominal trace length(9)
CACLM-50
CACLM
CACLM+50
mils
14
Center-to-center CK to other DDR3 trace spacing(10)
4w
15
Center-to-center ADDR_CTRL to other DDR3 trace spacing(10)(11)
4w
16
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(10)
3w
17
CK center-to-center spacing(12)
18
CK spacing to other net(10)
4w
19
Rcp(13)
Zo-1
Zo
Zo+
ohms
20
Rtt(13)(14)
Zo-5
Zo
Zo+5
ohms
(1) CK represents the clock net class, and ADDR_CTRL represents the address and control signal net class.
(2) The use of vias should be minimized.
(3) Additional bypass capacitors are required when using the VDDS_DDR plane as the reference plane to allow the return current to jump
between the VDDS_DDR plane and the ground plane when the net class switches layers at a via.
(4) Mirrored configuration (one DDR3 device on top of the board and one DDR3 device on the bottom).
(5) Non-mirrored configuration (all DDR3 memories on same side of PCB).
(6) While this length can be increased for convenience, its length should be minimized.
(7) ADDR_CTRL net class only (not CK net class). Minimizing this skew is recommended, but not required.
(8) CK net class only.
(9) CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes + 300 mils. For definition, see Section 5.4.2.3.6.1
and Figure 5-60.
(10) Center-to-center spacing is allowed to fall to minimum (w) for up to 1250 mils of routed length.
(11) Signals from one DQ net class should be considered other DDR3 traces to another DQ net class.
(12) CK spacing set to ensure proper differential impedance.
(13) Source termination (series resistor at driver) is specifically not allowed.
(14) Termination values should be uniform across the net class.
5.4.2.3.6.2 DQS[x] and DQ[x] Routing Specification
Skew within the DQS[x] and DQ[x] net classes directly reduces setup and hold margin and, thus, this skew
must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter traces
up to the length of the longest net in the net class and its associated clock. DQLMn is defined as DQ
Longest Manhattan distance n, where n is the byte number. For a 16-bit interface, there are two DQLMs,
DQLM0-DQLM1.
NOTE
It is not required, nor is it recommended, to match the lengths across all bytes. Length
matching is only required within each byte.
Given the DQS[x] and DQ[x] pin locations on the AM335x device and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 5-61 shows this distance for
a two-load case. It is from this distance that the specifications on the lengths of the transmission lines for
the data bus are determined. For DQS[x] and DQ[x] routing, these specifications are contained in
Table 5-60.
170
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com