Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 168Page - Texas Instruments AM3359 Datasheet HTML 169Page - Texas Instruments AM3359 Datasheet HTML 170Page - Texas Instruments AM3359 Datasheet HTML 171Page - Texas Instruments AM3359 Datasheet HTML 172Page - Texas Instruments AM3359 Datasheet HTML 173Page - Texas Instruments AM3359 Datasheet HTML 174Page - Texas Instruments AM3359 Datasheet HTML 175Page - Texas Instruments AM3359 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
5.5
LCD Controller (LCDC)
The LCD controller consists of two independent controllers, the raster controller and the LCD interface
display driver (LIDD) controller. Each controller operates independently from the other and only one of
them is active at any given time.
•
The raster controller handles the synchronous LCD interface. It provides timing and data for constant
graphics refresh to a passive display. It supports a wide variety of monochrome and full-color display
types and sizes by use of programmable timing controls, a built-in palette, and a gray-scale/serializer.
Graphics data is processed and stored in frame buffers. A frame buffer is a contiguous memory block
in the system. A built-in DMA engine supplies the graphics data to the raster engine which, in turn,
outputs to the external LCD device.
•
The LIDD controller supports the asynchronous LCD interface. It provides full-timing programmability of
control signals (CS, WE, OE, ALE) and output data.
The maximum resolution for the LCD controller is 2048 x 2048 pixels. The maximum frame rate is
determined by the image size in combination with the pixel clock rate.
Table 5-61. LCD Controller Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Output Condition
LIDD mode
5
60
pF
CLOAD
Output load capacitance
Raster mode
3
30
pF
5.5.1
LCD Interface Display Driver (LIDD Mode)
Table 5-62. Timing Requirements for LCD LIDD Mode
(see Figure 5-63 through Figure 5-71)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
Setup time, LCD_DATA[15:0] valid before
16
tsu(LCD_DATA-LCD_MEMORY_CLK)
18
ns
LCD_MEMORY_CLK high
Hold time, LCD_DATA[15:0] valid after
17
th(LCD_MEMORY_CLK-LCD_DATA)
0
ns
LCD_MEMORY_CLK high
18
tt(LCD_DATA)
Transition time, LCD_DATA[15:0]
1
3
pf
Table 5-63. Switching Characteristics Over Recommended Operating Conditions for LCD LIDD Mode
(see Figure 5-63 through Figure 5-71)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(LCD_MEMORY_CLK)
Cycle time, LCD_MEMORY_CLK
23.7
ns
2
tw(LCD_MEMORY_CLKH)
Pulse duration, LCD_MEMORY_CLK high
0.45tc
0.55tc
ns
3
tw(LCD_MEMORY_CLKL)
Pulse duration, LCD_MEMORY_CLK low
0.45tc
0.55tc
ns
Delay time, LCD_MEMORY_CLK high to
4
td(LCD_MEMORY_CLK-LCD_DATAV)
7
ns
LCD_DATA[15:0] valid (write)
Delay time, LCD_MEMORY_CLK high to
5
td(LCD_MEMORY_CLK-LCD_DATAI)
0
ns
LCD_DATA[15:0] invalid (write)
Delay time, LCD_MEMORY_CLK high to
6
td(LCD_MEMORY_CLK-LCD_AC_BIAS_EN)
0
6.8
ns
LCD_AC_BIAS_EN
7
tt(LCD_AC_BIAS_EN)
Transition time, LCD_AC_BIAS_EN
1
10
ns
Delay time, LCD_MEMORY_CLK high to
8
td(LCD_MEMORY_CLK-LCD_VSYNC)
0
7
ns
LCD_VSYNC
9
tt(LCD_VSYNC)
Transition time, LCD_VSYNC
1
10
ns
Delay time, LCD_MEMORY_CLK high to
10
td(LCD_MEMORY_CLK-LCD_HYSNC)
0
7
ns
LCD_HSYNC
172
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com