Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 28Page - NXP Semiconductors LD6806 Datasheet HTML 29Page - NXP Semiconductors LD6806 Datasheet HTML 30Page - NXP Semiconductors LD6806 Datasheet HTML 31Page - NXP Semiconductors LD6806 Datasheet HTML 32Page - NXP Semiconductors LD6806 Datasheet HTML 33Page - NXP Semiconductors LD6806 Datasheet HTML 34Page - NXP Semiconductors LD6806 Datasheet HTML 35Page - NXP Semiconductors LD6806 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
© NXP B.V. 2011.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 9 December 2011
Document identifier: LD6806_SER
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
24. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
2.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5
6
Recommended operating conditions. . . . . . . . 5
7
Thermal characteristics . . . . . . . . . . . . . . . . . . 6
8
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Dynamic behavior . . . . . . . . . . . . . . . . . . . . . . . 7
9.1
Dropout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
9.2
Output voltage variation . . . . . . . . . . . . . . . . . . 9
9.3
Quiescent current . . . . . . . . . . . . . . . . . . . . . . 10
9.4
Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
9.5
Line regulation . . . . . . . . . . . . . . . . . . . . . . . . 12
9.6
Load regulation . . . . . . . . . . . . . . . . . . . . . . . . 13
9.7
Start-up and shut down. . . . . . . . . . . . . . . . . . 15
9.8
Power Supply Rejection Ratio (PSRR). . . . . . 16
9.9
Enable threshold voltage . . . . . . . . . . . . . . . . 17
10
Application information. . . . . . . . . . . . . . . . . . 18
10.1
Output capacitor values . . . . . . . . . . . . . . . . . 18
11
Test information . . . . . . . . . . . . . . . . . . . . . . . . 18
11.1
Quality information . . . . . . . . . . . . . . . . . . . . . 18
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 19
13
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
14
Soldering of WLCSP packages. . . . . . . . . . . . 24
14.1
Introduction to soldering WLCSP packages . . 24
14.2
Board mounting . . . . . . . . . . . . . . . . . . . . . . . 25
14.3
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 25
14.3.1
Stand off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
14.3.2
Quality of solder joint . . . . . . . . . . . . . . . . . . . 26
14.3.3
Rework . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
14.3.4
Cleaning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
15
Soldering of SMD packages . . . . . . . . . . . . . . 27
15.1
Introduction to soldering . . . . . . . . . . . . . . . . . 27
15.2
Wave and reflow soldering . . . . . . . . . . . . . . . 27
15.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 28
15.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 28
16
Mounting. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
16.1
PCB design guidelines. . . . . . . . . . . . . . . . . . 29
16.2
PCB assembly guidelines for Pb-free
soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
17
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 31
18
References. . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
19
Revision history . . . . . . . . . . . . . . . . . . . . . . . 32
20
Legal information . . . . . . . . . . . . . . . . . . . . . . 33
20.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 33
20.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
20.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 33
20.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 34
21
Contact information . . . . . . . . . . . . . . . . . . . . 34
22
Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
23
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
24
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com