Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 3 Page - NXP Semiconductors

  LD6806 Datasheet HTML 1Page - NXP Semiconductors LD6806 Datasheet HTML 2Page - NXP Semiconductors LD6806 Datasheet HTML 3Page - NXP Semiconductors LD6806 Datasheet HTML 4Page - NXP Semiconductors LD6806 Datasheet HTML 5Page - NXP Semiconductors LD6806 Datasheet HTML 6Page - NXP Semiconductors LD6806 Datasheet HTML 7Page - NXP Semiconductors LD6806 Datasheet HTML 8Page - NXP Semiconductors LD6806 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
3 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
3.
Ordering information
[1]
Size 0.76 mm
 0.76 mm.
3.1 Ordering options
Further information on output voltage is available on request; see Section 21 “Contact
information”.
EN
4
device enable input; active HIGH
n.c.
5
not connected
IN
6
supply voltage input
Table 3.
Pin description for SOT886
Symbol
Pin
Description
Table 4.
Ordering information
Type number
Package
Name
Description
Version
LD6806CX4/xxx
WLCSP4
wafer level chip-size package; 4 bumps (2
 2)[1]
-
LD6806CX4/C/xxx
WLCSP4
wafer level chip-size package; 4 bumps (2
 2)
with backside coating[1]
-
LD6806F/xxx
XSON6
plastic extremely thin small outline package; no
leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
LD6806TD/xxx
TSOP5
plastic surface-mounted package; 5 leads
SOT753
Table 5.
Type number and nominal output voltage of high-ohmic output
Type number
Nominal
output
voltage
Type number
Nominal
output
voltage
LD6806[CX4, CX4/C, F, TD]/12H
1.2 V
LD6806[CX4, CX4/C, F, TD]/23H
2.3 V
LD6806[CX4, CX4/C, F, TD]/13H
1.3 V
LD6806[CX4, CX4/C, F, TD]/25H
2.5 V
LD6806[CX4, CX4/C, F, TD]/14H
1.4 V
LD6806[CX4, CX4/C, F, TD]/28H
2.8 V
LD6806[CX4, CX4/C, F, TD]/16H
1.6 V
LD6806[CX4, CX4/C, F, TD]/29H
2.9 V
LD6806[CX4, CX4/C, F, TD]/18H
1.8 V
LD6806[CX4, CX4/C, F, TD]/30H
3.0 V
LD6806[CX4, CX4/C, F, TD]/20H
2.0 V
LD6806[CX4, CX4/C, F, TD]/33H
3.3 V
LD6806[CX4, CX4/C, F, TD]/22H
2.2 V
LD6806[CX4, CX4/C, F, TD]/36H
3.6 V
Table 6.
Type number and nominal output voltage of low.ohmic output
Type number
Nominal
output
voltage
Type number
Nominal
output
voltage
LD6806[CX4, CX4/C, F, TD]/12P
1.2 V
LD6806[CX4, CX4/C, F, TD]/23P
2.3 V
LD6806[CX4, CX4/C, F, TD]/13P
1.3 V
LD6806[CX4, CX4/C, F, TD]/25P
2.5 V
LD6806[CX4, CX4/C, F, TD]/14P
1.4 V
LD6806[CX4, CX4/C, F, TD]/28P
2.8 V
LD6806[CX4, CX4/C, F, TD]/16P
1.6 V
LD6806[CX4, CX4/C, F, TD]/29P
2.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com