Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 26Page - NXP Semiconductors LD6806 Datasheet HTML 27Page - NXP Semiconductors LD6806 Datasheet HTML 28Page - NXP Semiconductors LD6806 Datasheet HTML 29Page - NXP Semiconductors LD6806 Datasheet HTML 30Page - NXP Semiconductors LD6806 Datasheet HTML 31Page - NXP Semiconductors LD6806 Datasheet HTML 32Page - NXP Semiconductors LD6806 Datasheet HTML 33Page - NXP Semiconductors LD6806 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
30 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
16.2 PCB assembly guidelines for Pb-free soldering
Table 19.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
250
m
Solder screen thickness
100
m (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %); Cu (0.5 % to 0.9 %)
Solder to flux ratio
50 : 50
Solder reflow profile
see Figure 45
The device is capable of withstanding at least three reflows at this profile.
Fig 45. Pb-free solder reflow profile
Table 20.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Treflow(peak)
peak reflow temperature
230
-
260
C
t1
time 1
soak time
60
-
180
s
t2
time 2
time during T
 250 C-
-
30
s
t3
time 3
time during T
 230 C10
-
50
s
t4
time 4
time during T > 217
C
30
-
150
s
t5
time 5
-
-
540
s
dT/dt
rate of change of
temperature
cooling rate
-
-
6
C/s
preheat
2.5
-
4.0
C/s
001aai943
Treflow(peak)
250
230
217
T
(
°C)
cooling rate
preheat
t1
t5
t4
t3
t2
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com