Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 15Page - NXP Semiconductors LD6806 Datasheet HTML 16Page - NXP Semiconductors LD6806 Datasheet HTML 17Page - NXP Semiconductors LD6806 Datasheet HTML 18Page - NXP Semiconductors LD6806 Datasheet HTML 19Page - NXP Semiconductors LD6806 Datasheet HTML 20Page - NXP Semiconductors LD6806 Datasheet HTML 21Page - NXP Semiconductors LD6806 Datasheet HTML 22Page - NXP Semiconductors LD6806 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
19 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
12. Package outline
Fig 35. Package outline WLCSP4
wlcsp4_2x2_po
European
projection
WLCSP4: wafer level chip-size package; 4 bumps (2 x 2)
bump A1
index area
D
E
X
detail X
A
A1
A2
b
e
e
12
A
B
Table 12.
Dimensions of LD6806CX4/xxx for package outline WLCSP4; see Figure 35
Symbol
Min
Typ
Max
Unit
A
0.44
0.47
0.50
mm
A1
0.18
0.20
0.22
mm
A2
0.26
0.27
0.28
mm
b
0.21
0.26
0.31
mm
D
0.71
0.76
0.81
mm
E
0.71
0.76
0.81
mm
e-
0.4
-
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com