Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 19Page - NXP Semiconductors LD6806 Datasheet HTML 20Page - NXP Semiconductors LD6806 Datasheet HTML 21Page - NXP Semiconductors LD6806 Datasheet HTML 22Page - NXP Semiconductors LD6806 Datasheet HTML 23Page - NXP Semiconductors LD6806 Datasheet HTML 24Page - NXP Semiconductors LD6806 Datasheet HTML 25Page - NXP Semiconductors LD6806 Datasheet HTML 26Page - NXP Semiconductors LD6806 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
23 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
13. Soldering
Fig 39. Soldering footprint WLCSP4
wlcsp4_2x2_fr
solder resist
occupied area
solder paste = solderland
Dimensions in mm
e
D
E
e
c
(4×)
f
(4×)
Table 14.
Dimensions of soldering footprint WLCSP4; see Figure 39
Symbol
Min
Typ
Max
Unit
c
-
0.25
-
mm
D
0.71
0.76
0.81
mm
E
0.71
0.76
0.81
mm
e-
0.4
-
mm
f
-
0.325
-
mm
Fig 40. Soldering footprint SOT886 (XSON6)
sot886_fr
solder resist
occupied area
solder paste = solderland
Dimensions in mm
0.425
(6
×)
1.250
0.675
1.700
0.325
(6
×)
0.270
(6
×)
0.370
(6
×)
0.500
0.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com