Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 25Page - NXP Semiconductors LD6806 Datasheet HTML 26Page - NXP Semiconductors LD6806 Datasheet HTML 27Page - NXP Semiconductors LD6806 Datasheet HTML 28Page - NXP Semiconductors LD6806 Datasheet HTML 29Page - NXP Semiconductors LD6806 Datasheet HTML 30Page - NXP Semiconductors LD6806 Datasheet HTML 31Page - NXP Semiconductors LD6806 Datasheet HTML 32Page - NXP Semiconductors LD6806 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
29 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 44.
For further information on temperature profiles, refer to Application Note AN10365
“Surface mount reflow soldering description”.
16. Mounting
16.1 PCB design guidelines
It is recommended, for optimum performance, to use a Non-Solder Mask Defined
(NSMD), also known as a copper-defined design, incorporating laser-drilled micro-vias
connecting the ground pads to a buried ground-plane layer. This results in the lowest
possible ground inductance and provides the best high frequency and ESD performance.
Refer to Table 18 for the recommended PCB design parameters.
MSL: Moisture Sensitivity Level
Fig 44. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 18.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
m
Micro-via diameter
100
m (0.004 inch)
Solder mask aperture diameter
325
m
Copper thickness
20
m to 40 m
Copper finish
AuNi or OSP
PCB material
FR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com