Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 4 Page - NXP Semiconductors

  LD6806 Datasheet HTML 1Page - NXP Semiconductors LD6806 Datasheet HTML 2Page - NXP Semiconductors LD6806 Datasheet HTML 3Page - NXP Semiconductors LD6806 Datasheet HTML 4Page - NXP Semiconductors LD6806 Datasheet HTML 5Page - NXP Semiconductors LD6806 Datasheet HTML 6Page - NXP Semiconductors LD6806 Datasheet HTML 7Page - NXP Semiconductors LD6806 Datasheet HTML 8Page - NXP Semiconductors LD6806 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
4 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
4.
Block diagram
LD6806[CX4, CX4/C, F, TD]/18P
1.8 V
LD6806[CX4, CX4/C, F, TD]/30P
3.0 V
LD6806[CX4, CX4/C, F, TD]/20P
2.0 V
LD6806[CX4, CX4/C, F, TD]/33P
3.3 V
LD6806[CX4, CX4/C, F, TD]/22P
2.2 V
LD6806[CX4, CX4/C, F, TD]/36P
3.6 V
Table 6.
Type number and nominal output voltage of low.ohmic output …continued
Type number
Nominal
output
voltage
Type number
Nominal
output
voltage
Fig 4.
Block diagram of LD6806x/xxH
Fig 5.
Block diagram of LD6806x/xxP
001aan756
THERMAL
PROTECTION
OVERCURRENT
PROTECTION
Vreference
GENERATOR
VIN
VOUT
GND
R2
R1
VEN
001aan299
THERMAL
PROTECTION
OVER CURRENT
PROTECTION
Vreference
GENERATOR
VIN
VOUT
GND
R2
R1
VEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com