Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 12Page - NXP Semiconductors LD6806 Datasheet HTML 13Page - NXP Semiconductors LD6806 Datasheet HTML 14Page - NXP Semiconductors LD6806 Datasheet HTML 15Page - NXP Semiconductors LD6806 Datasheet HTML 16Page - NXP Semiconductors LD6806 Datasheet HTML 17Page - NXP Semiconductors LD6806 Datasheet HTML 18Page - NXP Semiconductors LD6806 Datasheet HTML 19Page - NXP Semiconductors LD6806 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
16 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
9.8 Power Supply Rejection Ratio (PSRR)
PSRR stands for the capability of the regulator to suppress unwanted signals on the input
voltage like noise or ripples.
for all frequencies
PSRR dB

20
V
out ripple

V
in ripple

--------------------------
log
=
(1) 1 mA
(2) 50 mA
(3) 100 mA
(4) 200 mA
(1) 1 mA
(2) 50 mA
(3) 100 mA
(4) 200 mA
Fig 31.
PSRR for LD6806CX4/25H
Fig 32.
PSRR for LD6806CX4/36H
001aan945
0
PSRR
(dB)
-70
frequency (Hz)
102
105
104
103
-60
-50
-40
-30
-20
-10
(1)
(2)
(3)
(4)
001aao105
-40
-20
0
PSSR
(dB)
-60
frequency (Hz)
102
105
104
103
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com