Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 28Page - NXP Semiconductors LD6806 Datasheet HTML 29Page - NXP Semiconductors LD6806 Datasheet HTML 30Page - NXP Semiconductors LD6806 Datasheet HTML 31Page - NXP Semiconductors LD6806 Datasheet HTML 32Page - NXP Semiconductors LD6806 Datasheet HTML 33Page - NXP Semiconductors LD6806 Datasheet HTML 34Page - NXP Semiconductors LD6806 Datasheet HTML 35Page - NXP Semiconductors LD6806 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
32 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
19. Revision history
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LD6806_SER v.3
20111209
Product data sheet
-
LD6806_SER v.2
Modifications:
• WLCSP4 package with backside coating added
• SOT753 package added
• Subtype LD6806x/xxP introduced
• Minor text changes
LD6806_SER v.2
20110719
Product data sheet
-
LD6806_SER v.1
Modifications:
• Descriptive title updated
• Table 5: title changed
• Table 10: three parameters updated
• Table 3: pin number updated
• Section 9.4 and Section 9.8 drawings updated
• Section 16: values updated
• Minor text changes
LD6806_SER v.1
20110516
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com