Electronic Components Datasheet Search
  English  ▼

X  

LD6806 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LD6806 Datasheet HTML 14Page - NXP Semiconductors LD6806 Datasheet HTML 15Page - NXP Semiconductors LD6806 Datasheet HTML 16Page - NXP Semiconductors LD6806 Datasheet HTML 17Page - NXP Semiconductors LD6806 Datasheet HTML 18Page - NXP Semiconductors LD6806 Datasheet HTML 19Page - NXP Semiconductors LD6806 Datasheet HTML 20Page - NXP Semiconductors LD6806 Datasheet HTML 21Page - NXP Semiconductors LD6806 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
18 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
10. Application information
10.1 Output capacitor values
The LD6806 series requires external capacitors at the output to guarantee a stable
regulator behavior. Also an input capacitor is recommended to keep the input voltage
stable. These capacitors should not under-run the specified minimum Equivalent Series
Resistance (ESR).
The absolute value of the total capacitance attached to the output pin OUT influences the
shutdown time (tsd(reg)) of the LD6806 series.
[1]
The minimum value of capacitance for stability and correct operation is 0.7
F. The capacitor tolerance
should be
30 % or better over the temperature range. The full range of operating conditions for the
capacitor in the application should be considered during device selection to ensure that this minimum
capacitance specification is met. The recommended capacitor type is X7R to meet the full device
temperature specification of
40 C to +125 C.
11. Test information
11.1 Quality information
This product has been qualified in accordance with NX2-00001 NXP Semiconductors
Quality and Reliability Specification and is suitable for use in consumer applications.
Table 11.
External load capacitor
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CL(ext)
external load capacitance
[1] -1.0
-
F
ESR
equivalent series resistance
5
-
500
m
Fig 34. Application diagram
OUT
OUT
IN
GND
IN
EN
1
μF
1
μF
001aan647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com