Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock (RTC OSC)
¾
2.2V~5.5V
¾
32768
¾
kHz
fTIMER
Timer I/P Frequency (TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
fFSP1
fSP Time-out Period Clock
Source form WDT
3V
With prescaler
(fS/4096)
184
369
737
ms
5V
131
266
532
ms
tFSP2
fSP Time-out Period Clock
Source form RTC
¾
With prescaler
(fS/4096)
¾
125
¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tLVR
Low Voltage Reset Time
¾¾
0.25
1
2
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
0.5
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
16
¾
tAD
Note: *tSYS=1/fSYS1 or 1/fSYS2
HT46R94
Rev. 1.10
6
November 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com