Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
HT46R94
Rev. 1.10
29
November 5, 2008
fSYS
A/D Clock Period (tAD)
ADCS2, ADCS1,
ADCS0=000
(fSYS/2)
ADCS2, ADCS1,
ADCS0=001
(fSYS/8)
ADCS2, ADCS1,
ADCS0=010
(fSYS/32)
ADCS2, ADCS1,
ADCS0=011
1MHz
2
ms8ms32ms
Undefined
2MHz
1
ms4ms16ms
Undefined
4MHz
500ns*
2
ms8ms
Undefined
8MHz
250ns*
1
ms4ms
Undefined
A/D Clock Period Examples
Although the A/D clock source is determined by the sys-
tem clock fSYS, and by bits ADCS1 and ADCS0, there are
some limitations on the maximum A/D clock source speed
that can be selected. As the minimum value of permissible
A/D clock period, tAD,is0.5
ms, care must be taken for sys-
tem clock speeds in excess of 4MHz. For system clock
speeds in excess of 4MHz, the ADCS1 and ADCS0 bits
should not be set to
²00². Doing so will give A/D clock peri-
ods that are less than the minimum A/D clock period which
may result in inaccurate A/D conversion values. Refer to
the accompanying table for examples, where values
marked with an asterisk * show where, depending upon
the device, special care must be taken, as the values may
be less than the specified minimum A/D Clock Period.
A/D Input Pins
All of the A/D analog input pins are pin-shared with the
I/O pins on Port B. Bits PCR2~PCR0 in the ADCR regis-
ter, not configuration options, determine whether the in-
put pins are setup as normal Port B input/output pins or
whether they are setup as analog inputs. In this way, pins
can be changed under program control to change their
function from normal I/O operation to analog inputs and
vice versa. Pull-high resistors, which are setup through
configuration options, apply to the input pins only when
they are used as normal I/O pins, if setup as A/D inputs
the pull-high resistors will be automatically disconnected.
Note that it is not necessary to first setup the A/D pin as
an input in the PBC port control register to enable the A/D
input as when the PCR2~PCR0 bits enable an A/D input,
the status of the port control register will be overridden.
The A/D reference voltage is supplied on an individual
VREF pin and can be connected to an external reference
voltage source. Appropriate measures should be taken to
ensure that the VREF voltage does not exceed the VDD
voltage level and that it remains as stable and noise free
as possible.
Initialising the A/D Converter
The internal A/D converter must be in a special way.
Each time the Port B A/D channel selection bits are modi-
fied by the program, the A/D converter must be
re-initialised. If the A/D converter is not initialised after the
channel selection bits are changed, the EOCB flag may
have an undefined value, which may produce a false end
of conversion signal. To initialise the A/D converter after
the channel selection bits have changed, then, within a
time frame of one to ten instruction cycles, the START bit
in the ADCR register must first be set high and then im-
mediately cleared to zero. This will ensure that the EOCB
flag is correctly set to a high condition.
A C S R R e g i s t e r
S e l e c t A / D c o n v e r t e r c l o c k s o u r c e
N o t i m p l e m e n t e d , r e a d a s " 0 "
A / D O n / O f f c o n t r o l
1 : o f f
0 : o n
F o r t e s t m o d e u s e o n l y
b 0
A D C S 1 A D C S 0
A D C S 1
0
0
1
1
0
0
1
1
A D C S 0
0
1
0
1
0
1
0
1
: s y s t e m c l o c k / 2
: s y s t e m c l o c k / 8
: s y s t e m c l o c k / 3 2
: u n d e f i n e d
: s y s t e m c l o c k
: s y s t e m c l o c k / 4
: s y s t e m c l o c k / 1 6
: u n d e f i n e d
b 7
T E S T A D O N B
A D C S 2
A D C S 2
0
0
0
0
1
1
1
1
A/D Converter Clock Source Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com