Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
HT46R94
Rev. 1.10
28
November 5, 2008
The START bit in the ADCR register is used to start and
reset the A/D converter. When the microcontroller sets
this bit from low to high and then low again, an analog to
digital conversion cycle will be initiated. When the
START bit is brought from low to high but not low again,
the EOCB bit in the ADCR register will be set to a
²1²
and the analog to digital converter will be reset. It is the
START bit that is used to control the overall on/off opera-
tion of the internal analog to digital converter.
The EOCB bit in the ADCR register is used to indicate
when the analog to digital conversion process is com-
plete. This bit will be automatically set to
²0² by the
microcontroller after a conversion cycle has ended. In
addition, the corresponding A/D interrupt request flag
will be set in the interrupt control register, and if the inter-
rupts are enabled, an appropriate internal interrupt sig-
nal will be generated. This A/D internal interrupt signal
will direct the program flow to the associated A/D inter-
nal interrupt address for processing. If the A/D internal
interrupt is disabled, the microcontroller can be used to
poll the EOCB bit in the ADCR register to check whether
it has been cleared as an alternative method of detect-
ing the end of an A/D conversion cycle.
A/D Converter Power Control
As an integrated circuit function within the device, the
A/D converter will naturally consume a limited amount of
power. However to provide users with a means of on/off
control to reduce power consumption, two methods are
provided. One means of turning off the A/D converter
circuitry is to ensure that the PCR0~PCR2 bits in the
ADCR register are cleared to zero. Another method is to
use the ADONB bit in the ACSR register, which if set
high will also turn off the A/D internal circuitry. Both
power off methods are independent and have overriding
control over the other.
PCR Bits
ADONB Bit
A/D Circuits
0
X
Off
>0
0
On
> 0
1
Off
A/D Power Control
It should be noted that the power supply to the A/D con-
verter is supplied via the VDD pin. However the lowest
operating voltage of the analog circuitry is higher than
that of the digital circuitry and therefore the analog cir-
cuits will fail to operate at the lower end of the VDD
specification. The DC Characteristics therefore specify
a separate operating voltage specification for the analog
circuitry.
A/D Converter Clock Source Register
- ACSR
The clock source for the A/D converter, which originates
from the system clock fSYS, is first divided by a division
ratio, the value of which is determined by the ADCS1
and ADCS0 bits in the ACSR register.
b 7
b 0
S T A R T
P C R 2 P C R 1 P C R 0 A C S 2 A C S 1 A C S 0
S e l e c t A / D c h a n n e l
A C S 2
0
0
0
0
1
1
1
1
A C S 1
0
0
1
1
0
0
1
1
A C S 0
0
1
0
1
0
1
0
1
A N 0
A N 1
A N 2
A N 3
A N 4
A N 5
A N 6
A N 7
P o r t B A / D c h a n n e l c o n f i g u r a t i o n s
P C R 2
0
0
0
0
1
1
1
1
P C R 1
0
0
1
1
0
0
1
1
P C R 0
0
1
0
1
0
1
0
1
P o r t B A / D c h a n n e l s - a l l o f f
P B 0 e n a b l e d a s A N 0
P B 0 ~ P B 1 e n a b l e d a s A N 0 ~ A N 1
P B 0 ~ P B 2 e n a b l e d a s A N 0 ~ A N 2
P B 0 ~ P B 3 e n a b l e d a s A N 0 ~ A N 3
P B 0 ~ P B 4 e n a b l e d a s A N 0 ~ A N 4
P B 0 ~ P B 5 e n a b l e d a s A N 0 ~ A N 5
P B 0 ~ P B 7 e n a b l e d a s A N 0 ~ A N 7
E n d o f A / D c o n v e r s i o n f l a g
1 : n o t e n d o f A / D c o n v e r s i o n - A / D c o n v e r s i o n w a i t i n g o r i n p r o g r e s s
0 : e n d o f A / D c o n v e r s i o n - A / D c o n v e r s i o n e n d e d
S t a r t t h e A / D c o n v e r s i o n
0 ® 1 ® 0 : S t a r t
0 ® 1 : R e s e t A / D c o n v e r t e r a n d s e t E O C B t o " 1 "
E O C B
A D C R R e g i s t e r
A/D Converter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com