| Electronic Components Datasheet Search |
|
HT46R94 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R94 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc |
|
31 / 62 page ![]() HT46R94 Rev. 1.10 31 November 5, 2008 Another important programming consideration is that when the A/D channel selection bits change value, the A/D con- verter must be . This is achieved by pulsing the START bit in the ADCR register immediately after the channel selection bits have changed state. The exception to this is where the channel selection bits are all cleared, in which case the A/D converter is not required to be re-initialised. A/D Programming Example The following two programming examples illustrate how to setup and implement an A/D conversion. In the first exam- ple, the method of polling the EOCB bit in the ADCR register is used to detect when the conversion cycle is complete, whereas in the second example, the A/D interrupt is used to determine when the conversion is complete. Example: using an EOCB polling method to detect the end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as ; the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 ; as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D ; converter : : ; As the Port B channel bits have changed the ; following START ; signal (0-1-0) must be issued within 10 ; instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D Polling_EOC: sz EOCB ; poll the ADCR register EOCB bit to detect end ; of A/D conversion jmp polling_EOC ; continue polling mov a,ADRL ; read low byte conversion result value mov adrl_buffer,a ; save result to user defined register mov a,ADRH ; read high byte conversion result value mov adrh_buffer,a ; save result to user defined register : jmp start_conversion ; start next A/D conversion Example: using the interrupt method to detect the end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as ; the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 ; as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D : ; As the Port B channel bits have changed the ; following START signal(0-1-0) must be issued ; within 10 instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D clr ADF ; clear ADC interrupt request flag set EADI ; enable ADC interrupt set EMI ; enable global interrupt : : : |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |