Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
HT46R94
Rev. 1.10
45
November 5, 2008
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
I/O Options
1
PA0~PA7: wake-up enable or disable - bit option
2
PA pull-high enable or disable - By port
Oscillator Option
3
System oscillator: Crystal or RC
PWM Options
4
PA4~PA6: PWM0~PWM2 function selection
5
PWM mode: 6+2 or 7+1 mode selection
Timer Options
6
Timer/Event Counter 0 clock sources: fSYS/4 or fSP
PFD Options
7
PA7: normal I/O or PFD output
Buzzer Options
8
Buzzer function: single BZ enable, both BZ and BZ or both disable
9
Buzzer frequency: fS/2, fS/4, fS/8, fS/16
Time Base Options
10
Time base time-out period: fS/2
5,f
S/2
6,f
S/2
7,f
S/2
8,f
S/2
9,f
S/2
10,f
S/2
11,f
S/2
12
Watchdog Options
11
Watchdog Timer clock source: WDT oscillator, RTC oscillator or fSYS/4
12
Watchdog Timer function: enable or disable
13
CLRWDT instructions: 1 or 2 instructions
LVR Options
14
LVR function: enable or disable
15
LVR voltage: 2.1V, 3.15V or 4.2V
Lock Options
16
Lock All
17
Partial Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com