Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
HT46R94
Rev. 1.10
16
November 5, 2008
I/O Pin Structures
The following diagrams illustrate the I/O pin internal
structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied as
a guide only to assist with the functional understanding
of the I/O pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, all of the I/O data
(except PC) and port control registers will be set high.
This means that all of the PC, PD and PE output pins will
be in a output floating condition. Also all the PA and PB
I/O pins will default to an input state, the level of which
depends on the other connected circuitry and whether
pull-high options have been selected. If the port control
registers, PAC and PBC, are then programmed to setup
some pins as outputs, these output pins will have an ini-
tial high output value unless the associated port data
registers, PA and PB, are first programmed. Selecting
which pins are inputs and which are outputs can be
achieved byte-wide by loading the correct values into
the appropriate port control register or by programming
individual bits in the port control register using the
²SET
[m].i
² and ²CLR [m].i² instructions. Note that when using
these bit control instructions, a read-modify-write opera-
tion takes place. The microcontroller must first read in
the data on the entire port, modify it to the required new
bit values and then rewrite this data back to the output
ports.
Port A has the additional capability of providing wake-up
functions. When the device is in the Power Down Mode,
V D D
P A 0 / B Z
P A 1 / B Z
P A 2 / T M R 0
P A 3 / T M R 1
P A 4 / P W M 0
P A 5 / P W M 1
P A 6 / P W M 2
P A 7 / P F D
M
U
X
W a k e - u p O p t i o n
S y s t e m W a k e - u p ( P A o n l y )
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
Q
S
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
Q
M
U
X
P F D , P W M o r B Z / B Z
P F D , P W M o r
B Z / B Z O p t i o n
T M R 0 f o r P A 2 o n l y
T M R 1 f o r P A 3 o n l y
PA Input/Output Ports
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P B 0 / A N 0
P B 1 / A N 1
P B 2 / A N 2
P B 3 / A N 3
P B 4 / A N 4
P B 5 / A N 5
P B 6 / A N 6
P B 7 / A N 7
D
Q
C K
S
Q
D
Q
C K
S
Q
L C D E N
A C S 2 ~ A C S 0
T o A / D C o n v e r t e r
A n a l o g
I n p u t
S e l e c t o r
P C R 2
P C R 1
P C R 0
PB Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com