Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
HT46R94
Rev. 1.10
34
November 5, 2008
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer/Event Counter, Time Base or A/D con-
verter requires microcontroller attention, their corre-
sponding interrupt will enforce a temporary suspension
of the main program allowing the microcontroller to di-
rect attention to their respective needs. Each device in
this series contains a single external interrupt and sev-
eral internal interrupts functions. The external interrupt
is controlled by the action of the external INT pin, while
the internal interrupts are controlled by the Timer/Event
Counter overflow, Time Base overflow interrupt and the
A/D converter interrupt.
Interrupt Registers
Overall interrupt control, which means interrupt enabling
and request flag setting, is controlled by the INTC0 and
INTC1 registers, which are located in the Data Memory.
By controlling the appropriate enable bits in this register
each individual interrupt can be enabled or disabled.
Also when an interrupt occurs, the corresponding re-
quest flag will be set by the microcontroller. The global
enable flag if cleared to zero will disable all interrupts.
I N T C 1 R e g i s t e r
b 7
b 0
E A D I
T i m e B a s e i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
A / D C o n v e r t e r i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
T i m e B a s e i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
A / D c o n v e r t e r i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
N o t i m p l e m e n t e d , r e a d a s " 0 "
A D F
E T B I
T B F
Interrupt Control 1 Registers
I N T C 0 R e g i s t e
M a s t e r i n t e r r u p t g l o b a l e n a b l e
1 : g l o b a l e n a b l e
0 : g l o b a l d i s a b l e
E x t e r n a l i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
T i m e r / E v e n t C o u n t e r 0 i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
T i m e r / E v e n t C o u n t e r 1 i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
E x t e r n a l i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
T i m e r / E v e n t C o u n t e r 0 i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
T i m e r / E v e n t C o u n t e r 1 i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
F o r t e s t m o d e u s e d o n l y
M u s t b e w r i t t e n a s " 0 " ; o t h e r w i s e m a y r e s u l t i n u n p r e d i c t a b l e o p e r a t i o n
b 7
b 0
E E I
E M I
E I F
T 0 F
E T 1 I
T 1 F
E T 0 I
Interrupt Control 0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com