Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
HT46R94
Rev. 1.10
24
November 5, 2008
When the Timer/Event counter overflows, its corre-
sponding interrupt request flag in the interrupt control
register will be set. If the timer interrupt is enabled this
will in turn generate an interrupt signal. However irre-
spective of whether the interrupts are enabled or not, a
Timer/Event counter overflow will also generate a
wake-up signal if the device is in a Power-down condi-
tion. This situation may occur if the Timer/Event Counter
is in the Event Counting Mode and if the external signal
continues to change state. In such a case, the
Timer/Event Counter will continue to count these exter-
nal events and if an overflow occurs the device will be
woken up from its Power-down condition. To prevent
such a wake-up from occurring, the timer interrupt re-
quest flag should first be set high before issuing the
HALT instruction to enter the Power Down Mode.
Timer Program Example
This program example shows how the Timer/Event
Counter 0 registers are setup, along with how the inter-
rupts are enabled and managed. Note how the
Timer/Event Counter 0 is turned on, by setting bit 4 of
the TMR0C as an independent instruction. The Timer/
Event Counter 0 can be turned off in a similar way by
clearing the same bit. This example program sets the
Timer/Event Counter 0 to be in the timer mode, which
uses the internal system clock as the clock source.
org 04h
; external interrupt vector
reti
org 08h
; Timer/Event Counter 0 interrupt vector
jmp tmrint0
; jump here when Timer/Event Counter 0 overflows
:
org 20h
; main program
;internal Timer/Event Counter 0 interrupt routine
tmrint0:
:
; Timer/Event Counter 0 main program placed here
:
reti
:
:
begin:
;setup Timer registers
mov a,09bh
; setup Timer preload value
mov tmr0,a;
mov a,081h
; setup Timer control register
mov tmr0c,a
; timer mode and prescaler set to /4
; setup interrupt register
mov a,005h
; enable Master and Timer/Event Counter 0 interrupt
mov intc0,a
set tmr0c.4
; start Timer/Event Counter 0 - note mode bits must be previously setup
Pulse Width Modulator
All devices contain three Pulse Width Modulation,
PWM, outputs, known as PWM0, PWM1 and PWM2.
Useful for such applications such as motor speed con-
trol, the PWM function provides an output with a fixed
frequency but with a duty cycle tht can be varied by set-
ting particular values into the corresponding PWM
registers.
Channels
PWM
Mode
Output
Pins
Register
Name
3
6+2 or
7+1
PA4
PA5
PA6
PWM0
PWM1
PWM2
PWM Overview
The PWM outputs are selected via configuration op-
tions. Three registers, located in the RAM Data Memory
are assigned to the Pulse Width Modulator and are
known as PWM0, PWM1 and PWM2. It is in these regis-
ter that the 8-bit value, which represents the overall duty
cycle of one modulation cycle of the output waveform,
should be placed. To increase the PWM modulation fre-
quency, each modulation cycle is modulated into two or
four individual modulation sub-sections, known as the
7+1 mode or the 6+2 mode respectively. The device can
choose which mode to use by selecting the appropriate
configuration option. Note that it is only necessary to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com