Electronic Components Datasheet Search
  English  ▼

X  

HT46R94 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT46R94 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
HT46R94
Rev. 1.10
36
November 5, 2008
low transition appears on the external interrupt pin, a sub-
routine call to the external interrupt vector at location
04H, will take place. When the interrupt is serviced, the
external interrupt request flag, EIF; bit 4 of INTC0 will be
automatically reset and the EMI bit will be automatically
cleared to disable other interrupts.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI , and the corresponding timer
interrupt enable bit, ET0I and ET1I in the INTC0 register
must first be set. An actual Timer/Event Counter inter-
rupt will take place when the Timer/Event Counter inter-
rupt request flag, T0F or T1F in INTC0, is set, a situation
that will occur when the relevant Timer/Event Counter
overflows. When the interrupt is enabled, the stack is
not full and a Timer/Event Counter overflow occurs, a
subroutine call to the timer interrupt vector at location
08H will take place for Timer/Event Counter 0 and a sub-
routine call to 0CH will take place for Timer/Event Coun-
ter 1. When the interrupt is serviced, the timer interrupt
request flag, T0F or T1F, will be automatically reset and
the EMI bit will be automatically cleared to disable other
interrupts.
Time Base Interrupt
For a Time Base interrupt to occur, the global interrupt
enable bit, EMI, in the INTC0 register, and the Time
Base interrupt enable bit, ETBI, in the INTC1 register
must first be set. An actual Time Base interrupt will take
place when the Time Base request flag, TBF in INTC1 is
set, a situation that will occur when the Time Base over-
flows. When the interrupt is enabled, the stack is not full,
and a Time Base overflow occurs, a subroutine call to
the Time Base vector location at 10H will take place.
When the interrupt is serviced, the Time Base interrupt
request flag, TBF, will be automatically reset and the
EMI bit will be automatically cleared to disable other in-
terrupts.
A/D Interrupt
For an A/D interrupt to occur, the global interrupt enable
bit, EMI, and the corresponding interrupt enable bit,
EADI, must be first set. An actual A/D interrupt will take
place when the A/D converter request flag, ADF in the
INTC1 register is set, a situation that will occur when an
A/D conversion process has completed. When the inter-
rupt is enabled, the stack is not full and an A/D conver-
sion process finishes execution, a subroutine call to the
A/D interrupt vector at location 14H, will take place.
When the interrupt is serviced, the A/D interrupt request
flag, ADF, will be automatically reset and the EMI bit will
be automatically cleared to disable other interrupts.
Programming Considerations
By disabling the interrupt enable bits, a requested inter-
rupt can be prevented from being serviced, however,
once an interrupt request flag is set, it will remain in this
condition in the INTC0 or INTC1 register until the corre-
sponding interrupt is serviced or until the request flag is
cleared by a software instruction.
It is recommended that programs do not use the
²CALL
subroutine
² instruction within the interrupt subroutine.
Interrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications. If
only one stack is left and the interrupt is not well con-
trolled, the original control sequence will be damaged
once a
²CALL subroutine² is executed in the interrupt
subroutine.
All of these interrupts have the capability of waking up
the processor when in the Power Down Mode.
Only the Program Counter is pushed onto the stack. If
the contents of the register or status register are altered
by the interrupt service program, which may corrupt the
desired control sequence, then the contents should be
saved in advance.
C l o c k S o u r c e
C o n f i g u r a t i o n
O p t i o n
f S Y S / 4
W D T O s c i l l a t o r
R T C O s c i l l a t o r
8 - S t a g e P r e s c a l e r
( 1 / 2 ~ 1 / 2 5 6 )
f S
T B 0 ~ T B 2
¸ 1 6
T i m e B a s e I n t e r r u p t
( f S / 3 2 ~ f S / 4 0 9 6 )
T i m e B a s e C l o c k S o u r c e S e l e c t
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com