Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 1 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4351
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Output frequency range: 35 MHz to 4400 MHz
Fractional-N synthesizer and integer-N synthesizer
Low phase noise VCO
Programmable divide-by-1/-2/-4/-8/-16/-32/-64 output
Typical jitter: 0.3 ps rms
Typical EVM at 2.1 GHz: 0.4%
Power supply: 3.0 V to 3.6 V
Logic compatibility: 1.8 V
Programmable dual-modulus prescaler of 4/5 or 8/9
Programmable output power level
RF output mute function
3-wire serial interface
Analog and digital lock detect
Switched bandwidth fast lock mode
Cycle slip reduction
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA, WiMAX,
GSM, PCS, DCS, DECT)
Test equipment
Wireless LANs, CATV equipment
Clock generation
GENERAL DESCRIPTION
The ADF4351 allows implementation of fractional-N or integer-N
phase-locked loop (PLL) frequency synthesizers when used with
an external loop filter and external reference frequency.
The ADF4351 has an integrated voltage controlled oscillator (VCO)
with a fundamental output frequency ranging from 2200 MHz to
4400 MHz. In addition, divide-by-1/-2/-4/-8/-16/-32/-64 circuits
allow the user to generate RF output frequencies as low as 35 MHz.
For applications that require isolation, the RF output stage can be
muted. The mute function is both pin- and software-controllable.
An auxiliary RF output is also available, which can be powered
down when not in use.
Control of all on-chip registers is through a simple 3-wire interface.
The device operates with a power supply ranging from 3.0 V to
3.6 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
LD
SW
VCOM
TEMP
REFIN
CLK
DATA
LE
AVDD
SDVDD
DVDD
VP
AGND
CE
DGND
CPGND
SDGND
AGNDVCO
RSET
VVCO
VTUNE
VREF
RFOUTA+
RFOUTA–
RFOUTB+
RFOUTB–
PHASE
COMPARATOR
FAST LOCK
SWITCH
CHARGE
PUMP
OUTPUT
STAGE
OUTPUT
STAGE
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
VALUE
N COUNTER
FRACTION
VALUE
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
VALUE
MULTIPLEXER
LOCK
DETECT
÷1/2/4/8/16/
32/64
ADF4351
VCO
CORE
Figure 1.


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
1Mb / 20P
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADF4351 AD-ADF4351 Datasheet
427Kb / 5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
ADF4351 AD-ADF4351 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
Wideband PLL Frequency Synthesizer
logo
RF Micro Devices
PNP-383-P22-G RFMD-PNP-383-P22-G Datasheet
280Kb / 3P
PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1090-P22-G RFMD-PNP-1090-P22-G Datasheet
280Kb / 3P
PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1181-P22-G RFMD-PNP-1181-P22-G Datasheet
280Kb / 3P
PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1622-P22-G RFMD-PNP-1622-P22-G Datasheet
280Kb / 3P
PLUG-N-PLAY WIDEBAND SYNTHESIZER
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
Wideband Frequency Synthesizer
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
Wideband Frequency Synthesizer
logo
Analog Devices
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
Microwave Wideband Synthesizer
8/2017-Revision 0
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com