Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 20Page - Analog Devices ADF4351 Datasheet HTML 21Page - Analog Devices ADF4351 Datasheet HTML 22Page - Analog Devices ADF4351 Datasheet HTML 23Page - Analog Devices ADF4351 Datasheet HTML 24Page - Analog Devices ADF4351 Datasheet HTML 25Page - Analog Devices ADF4351 Datasheet HTML 26Page - Analog Devices ADF4351 Datasheet HTML 27Page - Analog Devices ADF4351 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADF4351
Data Sheet
Rev. 0 | Page 26 of 28
INTERFACING TO THE ADuC70xx AND
THE ADSP-BF527
The ADF4351 has a simple SPI-compatible serial interface for
writing to the device. The CLK, DATA, and LE pins control the
data transfer. When LE goes high, the 32 bits that were clocked
into the appropriate register on each rising edge of CLK are
transferred to the appropriate latch. See Figure 2 for the timing
diagram and Table 6 for the register address table.
ADuC70xx Interface
Figure 35 shows the interface between the ADF4351 and the
ADuC70xx family of analog microcontrollers. The ADuC70xx
family is based on an AMR7 core, but the same interface can be
used with any 8051-based microcontroller.
ADuC70xx
ADF4351
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
I/O PORTS
Figure 35. ADuC70xx to ADF4351 Interface
The microcontroller is set up for SPI master mode with CPHA =
0. To initiate the operation, the I/O port driving LE is brought
low. Each latch of the ADF4351 needs a 32-bit word, which is
accomplished by writing four 8-bit bytes from the micro-
controller to the device. After the fourth byte is written, the
LE input should be brought high to complete the transfer.
When power is first applied to the ADF4351, the part requires
six writes (one each to R5, R4, R3, R2, R1, and R0) for the output
to become active.
I/O port lines on the microcontroller are also used to control
the power-down input (CE) and to detect lock (MUXOUT
configured as lock detect and polled by the port input).
When operating in the mode described, the maximum SPI
transfer rate of the ADuC70xx is 20 Mbps. This means that
the maximum rate at which the output frequency can be
changed is 833 kHz. If using a faster SPI clock, make sure that
the SPI timing requirements listed in Table 2 are adhered to.
ADSP-BF527 Interface
Figure 36 shows the interface between the ADF4351 and the
Blackfin® ADSP-BF527 digital signal processor (DSP). The
ADF4351 needs a 32-bit serial word for each latch write. The
easiest way to accomplish this using the Blackfin family is to
use the autobuffered transmit mode of operation with alternate
framing. This mode provides a means for transmitting an entire
block of serial data before an interrupt is generated.
ADSP-BF527
ADF4351
CE
MUXOUT
(LOCK DETECT)
I/O PORTS
CLK
SCK
DATA
MOSI
LE
GPIO
Figure 36. ADSP-BF527 to ADF4351 Interface
Set up the word length for eight bits and use four memory
locations for each 32-bit word. To program each 32-bit latch,
store the four 8-bit bytes, enable the autobuffered mode, and
write to the transmit register of the DSP. This last operation
initiates the autobuffer transfer. Make sure that the SPI timing
requirements listed in Table 2 are adhered to.
PCB DESIGN GUIDELINES FOR A CHIP SCALE
PACKAGE
The lands on the chip scale package (CP-32-2) are rectangular.
The PCB pad for these lands must be 0.1 mm longer than the
package land length and 0.05 mm wider than the package land
width. Each land must be centered on the pad to ensure that the
solder joint size is maximized.
The bottom of the chip scale package has a central exposed thermal
pad. The thermal pad on the PCB must be at least as large as the
exposed pad. On the PCB, there must be a minimum clearance
of 0.25 mm between the thermal pad and the inner edges of the
pad pattern to ensure that shorting is avoided.
Thermal vias can be used on the PCB thermal pad to improve
the thermal performance of the package. If vias are used, they
must be incorporated into the thermal pad at 1.2 mm pitch grid.
The via diameter must be between 0.3 mm and 0.33 mm, and
the via barrel must be plated with 1 oz. of copper to plug the via.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com