Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 20Page - Analog Devices ADF4351 Datasheet HTML 21Page - Analog Devices ADF4351 Datasheet HTML 22Page - Analog Devices ADF4351 Datasheet HTML 23Page - Analog Devices ADF4351 Datasheet HTML 24Page - Analog Devices ADF4351 Datasheet HTML 25Page - Analog Devices ADF4351 Datasheet HTML 26Page - Analog Devices ADF4351 Datasheet HTML 27Page - Analog Devices ADF4351 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADF4351
Rev. 0 | Page 27 of 28
OUTPUT MATCHING
For optimum operation, the output of the ADF4351 can be
matched in a number of ways; the most basic method is to con-
nect a 50 Ω resistor to VVCO. A dc bypass capacitor of 100 pF is
connected in series, as shown in Figure 37. Because the resistor
is not frequency dependent, this method provides a good broad-
band match. When connected to a 50 Ω load, this circuit typically
gives a differential output power equal to the value selected by
Bits[DB4:DB3] in Register 4 (R4).
100pF
RFOUT
VVCO
50Ω
50Ω
Figure 37. Simple Output Stage
A better solution is to use a shunt inductor (acting as an RF choke)
to VVCO. This solution gives a better match and, therefore, more
output power.
Experiments have shown that the circuit shown in Figure 38
provides an excellent match to 50 Ω for the W-CDMA UMTS
Band 1 (2110 MHz to 2170 MHz). The maximum output power
in this case is approximately 5 dBm. Both single-ended archi-
tectures can be examined using the EVAL-ADF4351EB1Z
evaluation board.
3.9nF
1nF
RFOUT
VVCO
50Ω
Figure 38. Optimum Output Stage
If differential outputs are not needed, the unused output can be
terminated, or both outputs can be combined using a balun.
A balun using discrete inductors and capacitors can be imple-
mented with the architecture shown in Figure 39. The LC balun
comprises Component L1 and Component C1. L2 provides a dc
path for RFOUTA−, and Capacitor C2 is used for dc blocking.
L1
L1
C1
C1
50Ω
RFOUTA+
RFOUTA–
VVCO
C2
L2
Figure 39. LC Balun for the ADF4351
Table 8. LC Balun Components
Frequency
Range (MHz)
Inductor L1 (nH)
Capacitor C1 (pF)
RF Choke
Inductor L2 (nH)
DC Blocking
Capacitor C2 (pF)
Measured Output
Power (dBm)
137 to 300
100
10
390
1000
9
300 to 460
51
5.6
180
120
10
400 to 600
30
5.6
120
120
10
600 to 900
18
4
68
120
10
860 to 1240
12
2.2
39
10
9
1200 to 1600
5.6
1.2
15
10
9
1600 to 3600
3.3
0.7
10
10
8
2800 to 3800
2.2
0.5
10
10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com