Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 20Page - Analog Devices ADF4351 Datasheet HTML 21Page - Analog Devices ADF4351 Datasheet HTML 22Page - Analog Devices ADF4351 Datasheet HTML 23Page - Analog Devices ADF4351 Datasheet HTML 24Page - Analog Devices ADF4351 Datasheet HTML 25Page - Analog Devices ADF4351 Datasheet HTML 26Page - Analog Devices ADF4351 Datasheet HTML 27Page - Analog Devices ADF4351 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADF4351
Rev. 0 | Page 25 of 28
APPLICATIONS INFORMATION
DIRECT CONVERSION MODULATOR
Direct conversion architectures are increasingly being used
to implement base station transmitters. Figure 34 shows how
Analog Devices, Inc., parts can be used to implement such a
system.
Figure 34 shows the AD9788 TxDAC® used with the ADL5375.
The use of dual integrated DACs, such as the AD9788 with its
specified ±2% FSR and ±0.001% FSR gain and offset character-
istics, ensures minimum error contribution (over temperature)
from this portion of the signal chain.
The local oscillator (LO) is implemented using the ADF4351. The
low-pass filter was designed using ADIsimPLL™ for a channel
spacing of 200 kHz and a closed-loop bandwidth of 35 kHz.
The LO ports of the ADL5375 can be driven differentially from
the complementary RFOUTA± outputs of the ADF4351. This setup
provides better performance than a single-ended LO driver and
eliminates the use of a balun to convert from a single-ended LO
input to the more desirable differential LO input for the ADL5375.
The typical rms phase noise (100 Hz to 5 MHz) of the LO in this
configuration is 0.61° rms.
The ADL5375 accepts LO drive levels from −6 dBm to +6 dBm.
The optimum LO power can be software programmed on the
ADF4351, which allows levels from −4 dBm to +5 dBm from
each output.
The RF output is designed to drive a 50 Ω load, but it must be
ac-coupled, as shown in Figure 34. If the I and Q inputs are
driven in quadrature by 2 V p-p signals, the resulting output
power from the ADL5375 modulator is approximately 2 dBm.
AD9788
TxDAC
MODULATED
DIGITAL
DATA
OUT2_N
OUT1_P
OUT1_N
OUT2_P
LOW-PASS
FILTER
LOW-PASS
FILTER
2700pF
1200pF
39nF
680
Ω
360
Ω
IBBP
IBBN
QBBP
QBBN
LOIP
LOIN
ADF4351
VVCO
VVCO
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFIN
fREFIN
VTUNE
DVDD AVDD CE
MUXOUT
10
28
16
29
1
2
3
22
8
31
9
11
18
21
27
VDD
LOCK
DETECT
51
Ω
51
Ω
51
Ω
51
Ω
51
Ω
AGNDVCO
14
15
19
23
24
25
30
LD
17
20
7
PDBRF
26
SDGND
TEMP VCOM
VREF
6
32
SDVDD
VP
5
SW
10pF
0.1µF 10pF
0.1µF 10pF
0.1µF
4
ADL5375
RFOUT
QUADRATURE
PHASE
SPLITTER
DSOP
RFOUTA–
RFOUTA+
13
12
1nF
1nF
3.9nH
3.9nH
VVCO
LPF
LPF
Figure 34. Direct Conversion Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com