Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 3 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADF4351
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = VVCO = SDVDD = VP = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating
temperature range is −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF
IN CHARACTERISTICS
Input Frequency
10
250
MHz
For f < 10 MHz, ensure slew rate > 21 V/µs
Input Sensitivity
0.7
AV
DD
V p-p
Biased at AV
DD/2; ac coupling ensures AVDD/2 bias
Input Capacitance
10
pF
Input Current
±60
µA
PHASE FREQUENCY DETECTOR (PFD)
Phase Detector Frequency
32
MHz
Fractional-N
45
MHz
Integer-N (band select enabled)
90
MHz
Integer-N (band select disabled)
CHARGE PUMP
I
CP Sink/Source
1
R
SET = 5.1 kΩ
High Value
5
mA
Low Value
0.312
mA
R
SET Range
3.9
10
kΩ
Sink and Source Current Matching
2
%
0.5 V ≤ V
CP ≤ 2.5 V
I
CP vs. VCP
1.5
%
0.5 V ≤ V
CP ≤ 2.5 V
I
CP vs. Temperature
2
%
V
CP = 2.0 V
LOGIC INPUTS
Input High Voltage, V
INH
1.5
V
Input Low Voltage, V
INL
0.6
V
Input Current, I
INH/IINL
±1
µA
Input Capacitance, C
IN
3.0
pF
LOGIC OUTPUTS
Output High Voltage, V
OH
DV
DD − 0.4
V
CMOS output selected
Output High Current, I
OH
500
µA
Output Low Voltage, V
OL
0.4
V
I
OL = 500 µA
POWER SUPPLIES
AV
DD
3.0
3.6
V
DV
DD, VVCO, SDVDD, VP
AV
DD
These voltages must equal AV
DD
DI
DD + AIDD
2
21
27
mA
Output Dividers
6 to 36
mA
Each output divide-by-2 consumes 6 mA
I
VCO
2
70
80
mA
I
RFOUT
2
21
26
mA
RF output stage is programmable
Low Power Sleep Mode
7
10
µA
RF OUTPUT CHARACTERISTICS
VCO Output Frequency
2200
4400
MHz
Fundamental VCO mode
Minimum VCO Output Frequency
Using Dividers
34.375
MHz
2200 MHz fundamental output and
divide-by-64 selected
VCO Sensitivity, K
V
40
MHz/V
Frequency Pushing (Open-Loop)
1
MHz/V
Frequency Pulling (Open-Loop)
90
kHz
Into 2.00 VSWR load
Harmonic Content (Second)
−19
dBc
Fundamental VCO output
−20
dBc
Divided VCO output
Harmonic Content (Third)
−13
dBc
Fundamental VCO output
−10
dBc
Divided VCO output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com